Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6953_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Typical Operating Characteristics
(Typical application circuit, V+ = 3.3V, LED forward voltage = 2.4V, scan limit set to 4 digits, TA = +25°C, unless otherwise noted.)
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 7
Matrix LED Display Driver
4
_______________________________________________________________________________________
MAX6953 TIMING CHARACTERISTICS (continued)
(V+ = 2.7V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Fall Time of SDA Transmitting
tF
(Notes 2, 5)
20 +
0.1CB
250
ns
Pulse Width of Spike Suppressed
tSP
(Note 6)
0
50
ns
Capacitive Load for Each
Bus Line
CB
(Note 2)
400
pF
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design.
Note 3: A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) in order to
bridge the undefined region of SCL’s falling edge.
Note 4: CB = total capacitance of one bus line in pF. tR and tF measured between 0.3V+ and 0.7V+.
Note 5: ISINK ≤ 6mA. CB = total capacitance of one bus line in pF. tR and tF measured between 0.3V+ and 0.7V+.
Note 6: Input filters on the SDA and SCL inputs suppress noise spikes less than 50ns.
3.80
3.90
4.10
4.00
4.20
4.30
-40
0
-20
20
40
60
80
INTERNAL OSCILLATOR
FREQUENCY vs. TEMPERATURE
TEMPERATURE (°C)
V+ = 3.3V
V+ = 2.7V
V+ = 5V
INTERNAL OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
3.5
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
3.6
2.5
5.5
0
0.5
1.5
1.0
2.0
2.5
0
400
200
600
800
INTERNAL OSCILLATOR
WAVEFORM AT OSC (PIN 19 OR 21)
TIMELINE (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com