Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6953_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX6953 is a compact cathode-row display driver
that interfaces microprocessors to 5 ✕ 7 dot-matrix LED
displays through an I2C™-compatible serial interface.
The MAX6953 drives up to four digits (140 LEDs).
Included on-chip are an ASCII 104-character font, mul-
tiplex scan circuitry, column and row drivers, and static
RAM that stores each digit, as well as font data for 24
user-definable characters. The segment current for the
LEDs is set by an internal digit-by-digit digital bright-
ness control.
The device includes a low-power shutdown mode, seg-
ment blinking (synchronized across multiple drivers, if
desired), and a test mode that forces all LEDs on. The
LED drivers are slew-rate limited to reduce EMI.
For an SPI™-compatible version, refer to the MAX6952
data sheet. An EV kit is available for the MAX6952.
Applications
Message Boards
Medical Equipment
Industrial Displays
Audio/Video Equipment
Gaming Machines
Features
♦ 400kbps 2-Wire Interface Compatible with I2C
♦ 2.7V to 5.5V Operation
♦ Drives 4 Monocolor or 2 Bicolor Cathode-Row
5 ✕ 7 Matrix Displays
♦ Built-In ASCII 104-Character Font
♦ 24 User-Definable Characters Available
♦ Automatic Blinking Control for Each Segment
♦ 70µA Low-Power Shutdown (Data Retained)
♦ 16-Step Digital Brightness Control
♦ Display Blanked on Power-Up
♦ Slew-Rate-Limited Segment Drivers for Lower EMI
♦ 36-Pin SSOP and 40-Pin DIP Packages
♦ Extended Temperature Range as Standard
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ✕ 7
Matrix LED Display Driver
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
DIGIT 1
R1
R6
R7
C1
R4
R3
R2
R5
C2
C3
C5
C4
DIGIT 0
O0
O1
O2
O3
O4
O5
O6
O14
O15
O16
O17
O18
R1
R6
R7
C1
R4
R3
R2
R5
C2
C3
C5
C4
O0
O1
O2
O3
O4
O5
O6
O19
O20
O21
O22
O23
R1
R6
R7
C1
R4
R3
R2
R5
C2
C3
C5
C4
O7
O8
O9
O10
O11
O12
O13
O14
O15
O16
O17
O18
R1
R6
R7
C1
R4
R3
R2
R5
C2
C3
C5
C4
DIGIT 3
O7
O8
O9
O10
O11
O12
O13
O19
O20
O21
O22
O23
DIGIT 2
3.3V
100nF
47
µF
O0
O1
O2
O3
O4
O5
O6
O7
O8
O9
O10
O11
O12
O13
O14
O15
O16
O17
O18
O19
O20
O21
O22
O23
ISET
OSC
V+
V+
GND
GND
BLINK
V+
GND
SDA
SCL
AD1
26pF
CSET
53.6k
Ω
RSET
MAX6953
AD0
3.3V
4.7k
Ω
4.7k
Ω
4.7k
Ω
Typical Application Circuit
19-2312; Rev 3; 3/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX6953EAX
-40°C to +85°C
36 SSOP
MAX6953EPL
-40°C to +85°C
40 PDIP
I2C is a trademark of Philips Corp.
SPI is a trademark of Motorola, Inc.
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX6953_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6953EAX MAXIM-MAX6953EAX Datasheet
404Kb / 23P
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 x 7 Matrix LED Display Driver
Rev 2; 11/02
MAX6953EPL MAXIM-MAX6953EPL Datasheet
404Kb / 23P
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 x 7 Matrix LED Display Driver
Rev 2; 11/02
More results

Similar Description - MAX6953_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
MAX6952 MAXIM-MAX6952 Datasheet
395Kb / 21P
4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
Rev 1; 10/02
MAX6953 MAXIM-MAX6953 Datasheet
404Kb / 23P
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 x 7 Matrix LED Display Driver
Rev 2; 11/02
MAX6954 MAXIM-MAX6954 Datasheet
395Kb / 38P
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 1; 10/02
MAX6955 MAXIM-MAX6955 Datasheet
552Kb / 39P
2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 0; 7/02
MAX6958 MAXIM-MAX6958 Datasheet
270Kb / 19P
2-Wire Interfaced, 3V to 5.5V, 4-Digit, 9-Segment LED Display Drivers with Keyscan
Rev 0; 10/02
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
MAX6853 MAXIM-MAX6853 Datasheet
487Kb / 35P
2-Wire Interfaced, 5 . 7 Matrix Vacuum- Fluorescent Display Controller
Rev 0; 10/02
MAX6954 MAXIM-MAX6954_14 Datasheet
1Mb / 39P
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 5; 7/14
MAX6955 MAXIM-MAX6955_15 Datasheet
497Kb / 40P
2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com