Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX6953_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 17Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 18Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 19Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 20Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 7
Matrix LED Display Driver
______________________________________________________________________________________
17
The multiplexing scheme drives digits 0 and 1 at the
same time, then digits 2 and 3 at the same time. To
increase the effective brightness of the displays, drive
only two digits instead of four. By doing this, the aver-
age segment current doubles, but also doubles the
number of MAX6953s required to drive a given number
of digits.
Because digit 1 is driven at the same time as digit 0
(and digit 3 is driven at the same time as digit 2), only 1
bit is used to set the scan limit. The bit is clear if one or
two digits are to be driven, and set if three or four digits
are to be driven (Table 21).
Intensity Registers
Display brightness is controlled digitally by four pulse-
width modulators, one for each display digit. Each digit
is controlled by a nibble of one of the two intensity reg-
isters, Intensity10 and Intensity32. The modulator
scales the average segment current in 16 steps from a
maximum of 15/16 down to 1/16 of the peak current.
The minimum interdigit blanking time is therefore 1/16
of a cycle. The maximum duty cycle is 15/16 (Tables 23
and 24).
No-Op Register
A write to the No-Op register is ignored.
Selecting External Components RSET and
CSET to Set Oscillator Frequency and
Segment Current
The RC oscillator uses an external resistor RSET and an
external capacitor CSET to set the oscillator frequency,
fOSC. The allowed range of fOSC is 1MHz to 8MHz.
RSET also sets the peak segment current. The recom-
mended values of RSET and CSET set the oscillator to
REGISTER DATA
FONT
CHARACTER
ADDRESS
CODE (HEX)
REGISTER
DATA (HEX)
D7
D6
D5
D4
D3
D2
D1
D0
RAM00
0x05
0x80
1
0
0
0
0
0
0
0
RAM01
0x05
0x85
1
0
0
0
0
1
0
1
RAM02
0x05
0x8A
1
0
0
0
1
0
1
0
RAM03
0x05
0x8F
1
0
0
0
1
1
1
1
RAM04
0x05
0x94
1
0
0
1
0
1
0
0
RAM05
0x05
0x99
1
0
0
1
1
0
0
1
RAM06
0x05
0x9E
1
0
0
1
1
1
1
0
RAM07
0x05
0xA3
1
0
1
0
0
0
1
1
RAM08
0x05
0xA8
1
0
1
0
1
0
0
0
RAM09
0x05
0xAD
1
0
1
0
1
1
0
1
RAM10
0x05
0xB2
1
0
1
1
0
0
1
0
RAM11
0x05
0xB7
1
0
1
1
0
1
1
1
RAM12
0x05
0xBC
1
0
1
1
1
1
0
0
RAM13
0x05
0xC1
1
1
0
0
0
0
0
1
RAM14
0x05
0xC6
1
1
0
0
0
1
1
0
RAM15
0x05
0xCB
1
1
0
0
1
0
1
1
RAM16
0x05
0xD0
1
1
0
1
0
0
0
0
RAM17
0x05
0xD5
1
1
0
1
0
1
0
1
RAM18
0x05
0xDA
1
1
0
1
1
0
1
0
RAM19
0x05
0xDF
1
1
0
1
1
1
1
1
RAM20
0x05
0xE4
1
1
1
0
0
1
0
0
RAM21
0x05
0xE9
1
1
1
0
1
0
0
1
RAM22
0x05
0xEE
1
1
1
0
1
1
1
0
RAM23
0x05
0xF3
1
1
1
1
0
0
1
1
Table 18. User-Definable Font Pointer Base Address Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com