Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX6953_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 17Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 18Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 19Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ✕ 7
Matrix LED Display Driver
16
______________________________________________________________________________________
DIGIT 1
ROW 1
DIGIT 1
ROW 2
DIGIT 1
ROW 3
DIGIT 1
ROW 4
DIGIT 1
ROW 5
DIGIT 1
ROW 6
DIGIT 1
ROW 7
DIGIT 3
ROW 1
DIGIT 3
ROW 2
DIGIT 3
ROW 3
DIGIT 3
ROW 4
DIGIT 3
ROW 5
DIGIT 3
ROW 6
DIGIT 3
ROW 7
DIGIT 1
ROW 1
COLUMN DRIVER
PINS O19-O23
DIGIT 0
ROW 1
DIGIT 0
ROW 2
DIGIT 0
ROW 3
DIGIT 0
ROW 4
DIGIT 0
ROW 5
DIGIT 0
ROW 6
DIGIT 0
ROW 7
DIGIT 2
ROW 1
DIGIT 2
ROW 2
DIGIT 2
ROW 3
DIGIT 2
ROW 4
DIGIT 2
ROW 5
DIGIT 2
ROW 6
DIGIT 2
ROW 7
DIGIT 0
ROW 1
COLUMN DRIVER
PINS O14-O18
DIGIT 1 ROW 1's 100µs MULTIPLEX TIMESLOT
CURRENT SOURCE
1/16TH
2/16TH
(MIN ON)
3/16TH
4/16TH
5/16TH
6/16TH
7/16TH
8/16TH
9/16TH
10/16TH
11/16TH
12/16TH
13/16TH
14/16TH
15/16TH
16/16TH
(MAX ON)
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
CURRENT SOURCE
ONE COMPLETE 1.4ms MULTIPLEX CYCLE AROUND 14 ROWS
100µs
DIGIT 1 COLUMN
DRIVER OUTPUTS
PINS O19-O23
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
DIGITS 0 AND 1
ROW OUTPUTS
PINS O0–06
HIGH-Z
LOW
DIGITS 2 AND 3
ROW OUTPUTS
PINS O7–O13
HIGH-Z
HIGH-Z
HIGH-Z
MINIMUM 6.25µs INTERDIGIT BLANKING INTERVAL
START OF
NEXT CYCLE
Figure 10. Multiplex Timing Diagram (OSC = 4MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com