Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX6953_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 17Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 18Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 19Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 20Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 21Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ✕ 7
Matrix LED Display Driver
18
______________________________________________________________________________________
REGISTER DATA
SCAN
LIMIT
ADDRESS CODE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
HEX
CODE
Display Digits 0 and 1 Only
0x03
X
X
X
X
X
X
X0
0xX0
Display Digits 0, 1, 2, and 3
0x03
X
X
X
X
X
X
X1
0xX1
Table 21. Scan-Limit Register Format
REGISTER DATA
FONT
CHARACTER
FONT
ADDRESS
POINTER
ADDRESS
CODE (HEX)
FONT
POINTER
ADDRESS
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
RAM00
0x00
0x05
0x80
0
0
1
1
1
1
1
0
RAM00
0x01
0x05
0x81
0
1
0
1
00
0
1
RAM00
0x02
0x05
0x82
0
1
00
1
00
1
RAM00
0x03
0x05
0x83
0
1
00
0
1
0
1
RAM00
0x04
0x05
0x84
0
0
1
1
1
1
1
0
RAM01
0x05
0x05
0x85
0
0
0
0
0
0
0
0
RAM01
0x06
0x05
0x86
0
1
0
000
1
0
RAM01
0x07
0x05
0x87
0
1
1
1
1
1
1
1
RAM01
0x08
0x05
0x88
0
1
0
000
00
RAM01
0x09
0x05
0x89
0
0
0
0
0
0
0
0
RAM02
0x0A
0x05
0x8A
0
1
0
000
1
0
RAM02
0x0B
0x05
0x8B
0
1
1
000
0
1
RAM02
0x0C
0x05
0x8C
0
1
0
1
00
0
1
RAM02
0x0D
0x05
0x8D
0
1
00
1
00
1
RAM02
0x0E
0x05
0x8E
0
1
00
0
1
1
0
Table 19. User-Definable Character Storage Example
ADDRESS CODE
(HEX)
REGISTER DATA
(HEX)
ACTION BEING PERFORMED
0x05
0x8A
Set font address pointer to the base address of font character RAM02.
0x05
0x42
1st 7 bits of data: 1000010 goes to font address 0x8A; pointer then autoincrements
to address 0x8B.
0x05
0x61
2nd 7 bits of data: 1100001 goes to font address 0x8B; pointer then
autoincrements to address 0x8C.
0x05
0x51
3rd 7 bits of data: 1010001 goes to font address 0x8C; pointer then
autoincrements to address 0x8D.
0x05
0x49
4th 7 bits of data: 1001001 goes to font address 0x8D; pointer then
autoincrements to address 0x8E.
0x05
0x46
5th 7 bits of data: 1000110 goes to font address 0x8E; pointer then autoincrements
to address 0x8F.
Table 20. Setting a Font Character to RAM Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com