Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX6953_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 7
Matrix LED Display Driver
12
______________________________________________________________________________________
REGISTER DATA
MODE
D7
D6
D5
D4
D3
D2
D1
D0
Slow blinking (segments are refreshed using plane P0 for 1s,
plane P1 for 1s, for OSC = 4MHz).
PX
R
T
E
0
X
S
Fast blinking (segments are refreshed using plane P0 for 0.5s,
plane P1 for 0.5s, for OSC = 4MHz).
PX
R
T
E
1
X
S
Table 9. Blink Rate Selection (B Data Bit D2) Format
REGISTER DATA
D7
D6
D5
D4
D3
D2
D1
D0
Configuration Register
P
X
R
T
E
B
X
S
Table 7. Configuration Register Format
REGISTER DATA
MODE
D7
D6
D5
D4
D3
D2
D1
D0
Shutdown Mode
P
X
R
T
E
B
X
0
Normal Operation
P
X
R
T
E
B
X
1
Table 8. Shutdown Control (S Data Bit D0) Format
REGISTER DATA
REGISTER
POWER-UP CONDITION
ADDRESS
CODE (HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Intensity10
1/16 (min on)
0x01
0
0
000000
Intensity32
1/16 (min on)
0x02
0
0
000000
Scan Limit
Display 4 digits: 0 1 2 3
0x03
X
X
XXXXX
1
Configuration
Shutdown enabled,
blink speed is slow,
blink disabled
0x04
0
X
0000
X
0
User-Defined Font
Address Pointer
Address 0x80; pointing to
the first user-defined font
location
0x05
1
0
000000
Display Test
Normal operation
0x07
X
X
XXXXX
0
Digit 0 Plane P0
Blank digit (0x20)
0x20
0
0
100000
Digit 1 Plane P0
Blank digit (0x20)
0x21
0
0
100000
Digit 2 Plane P0
Blank digit (0x20)
0x22
0
0
100000
Digit 3 Plane P0
Blank digit (0x20)
0x23
0
0
100000
Digit 0 Plane P1
Blank digit (0x20)
0x40
0
0
100000
Digit 1 Plane P1
Blank digit (0x20)
0x41
0
0
100000
Digit 2 Plane P1
Blank digit (0x20)
0x42
0
0
100000
Digit 3 Plane P1
Blank digit (0x20)
0x43
0
0
100000
Table 6. Initial Power-Up Register Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com