Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6953 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6953_V01 Datasheet HTML 1Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 2Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 3Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 7
Matrix LED Display Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(Typical operating circuit, V+ = 3.0V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage (with Respect to GND)
V+ .............................................................................-0.3V to +6V
All Other Pins................................................-0.3V to (V+ + 0.3V)
O0–O13 Sink Current ....................................................... 500mA
O14–O23 Source Current .................................................. 50mA
Continuous Power Dissipation (TA = +70°C)
36-Pin SSOP (derate 11.8mW/°C above +70°C) .....941.2mW
40-Pin PDIP (derate 16.7mW/°C above +70°C)........1333mW
Operating Temperature Range
MAX6953E ......................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
V+
2.7
5.5
V
TA = TMIN to TMAX
130
Shutdown Supply Current
ISHDN
Shutdown mode, all
digital inputs at V+
or GND
TA = +25°C
70
100
µA
Operating Supply Current
I+
All segments on, intensity set to full,
internal oscillator, no display load
connected, BLINK open circuit
12
15
mA
Master Clock Frequency
(OSC Internal Oscillator)
fOSC
OSC = RC oscillator, RSET = 53.6kΩ,
CSET = 26pF
4
MHz
Master Clock Frequency
(OSC External Clock)
fOSC
OSC overdriven externally
1
8
MHz
Dead Clock Protection
Frequency
fOSC
90
kHz
OSC Internal/External Detection
Threshold
VOSC
1.7
V
OSC High Time
tCH
50
ns
OSC Low Time
tCL
50
ns
Slow Segment Blink Period
(OSC Internal Oscillator)
fSLOWBLINK
OSC = RC oscillator, RSET = 53.6kΩ,
CSET = 26pF
1s
Fast Segment Blink Period
(OSC Internal Oscillator)
fFASTBLINK
OSC = RC oscillator, RSET = 53.6kΩ,
CSET = 26pF
0.5
s
Fast or Slow Segment Blink
Duty Cycle (Note 2)
49.5
50.5
%
Column Drive Source Current
ICOLUMN
VLED = 2.4V, V+ = 3.0V, TA = +25
oC
-32
-58
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com