Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5310AREZN-R7 Datasheet HTML 20Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 21Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 22Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 23Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 24Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 25Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 26Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 27Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
ADP5310
Rev. A | Page 25 of 28
TYPICAL APPLICATION CIRCUITS
Figure 58 and Figure 59 show how the ADP5310 can be applied in energy metering and medical applications controlled by a
microcontroller or a processor.
SW1
PGND1
FB1
R1
R2
10µF
4.7µH
SW2
PGND2
FB2
10µF
4.7µH
VOUT3
ADP5310
EN1
FROM MCU
PWRGD
TO MCU
FROM MCU
PVIN1
PVIN2
NC
EN3
SYNC/
MODE
CHANNEL 1
BUCK
REGULATOR
(800mA)
PA
MCU
(ALWAYS ON)
ADF70xx
(Rx/Tx)
CHANNEL 3
LOAD
SWITCH
CHANNEL 2
ULTRALOW
POWER
BUCK
REGULATOR
(50mA/300mA)
10µF
MAX = 15V
MIN = 2.7V
AGND
VREG
1µF
1µF
2.2V~2.8V
AT 15mA
2.2V~2.8V
AT 2µA
3.6V~4.6V
AT 400mA
INPUT/
OUTPUT
VOUT CONTROL
(BY DAC OR
GPIO SWITCH)
Figure 58. Typical Application of a Smart Meter
SW1
PGND1
FB1
R1
R2
10µF
1.0µH
SW2
PGND2
FB2
10µF
6.8µH
VOUT3
ADP5310
EN1
FROM DSP
PWRGD
TO DSP
FROM DSP
PVIN1
PVIN2
NC
EN3
SYNC/
MODE
CHANNEL 1
BUCK
REGULATOR
(800mA)
ADP160
ADI DSP
HIBERNATE
ALWAYS ON
VDD_INT
VDD_DMC
LPDDR
CMOS
SENSOR
PERIPHERAL
(ALWAYS ON)
PERIPHERAL
(OFF HIBERNATE)
VDD_EXT
VDD_OTP
VDD_HADC
VDD_USB
VDD_RTC
CHANNEL 3
LOAD
SWITCH
CHANNEL 2
ULTRALOW
POWER
BUCK
REGULATOR
(50mA/300mA)
22µF
MAX = 15V
MIN = 2.7V
AGND
VREG
1µF
1µF
3.3V
1.8V
3.3V
3.3V
3.3V
1.1V
VOUT CONTROL
(BY DAC OR
SWITCH)
MODE:
HIGH = FORCED PWM
LOW = FORCED HYSTERESIS
Figure 59. Battery Powered Typical Application with a DSP from Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com