Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP5310AREZN-R7 Datasheet HTML 1Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 2Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 3Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 4Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 5Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 6Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 7Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 8Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADP5310
Rev. A | Page 3 of 28
DETAILED FUNCTIONAL BLOCK DIAGRAM
VREG
SYNC/MODE
1.2V
LDO
2.55V
2.4V
UVLO
PVIN2
PVIN1
BAND GAP
BIAS
AND
CONTROL
LOGIC
S/H
OSC
1.2V
0.4V
CH1
CH2
1.2MHz
OSC
CH1
CH2
CH2
SYNC
P_ILIMIT
1.2A
IMIN
N_ILIMIT
PWM
0.808V
0.8V
PSM
SW1
FB1
PVIN1
CONTROL
LOGIC
DRIVER
VIN
DRIVER
VIN
–0.5A (PWM)
0A (PSM)
RDS(ON) × kr
VIN
300mA/kr
RDS(ON) × kr
VIN
EN1
0.4V
SOFT
START
0.8V
V TO I
PWRGD
0.736V
0.696V
FB1
CHANNEL 1
PGND1
P_ILIMIT
0.6A
IMIN
N_ILIMIT
PWM
0.808V
0.8V
PSM
SW2
FB2
VOUT3
PVIN2
CONTROL
LOGIC
DRIVER
VIN
DRIVER
VIN
–0.5A (PWM)
0A (PSM)
RDS(ON) × kr
VIN
300mA/kr
RDS(ON) × kr
VIN
SOFT
START
0.8V
V TO I
CHANNEL 2
CHANNEL 3
PGND2
EN3
1.2V
0.4V
DRIVER
ADP5310
1.2V
SLOPE
COMPENSATION
SLOPE
COMPENSATION
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com