Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5310AREZN-R7 Datasheet HTML 11Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 12Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 13Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 14Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 15Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 16Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 17Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 18Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADP5310
Rev. A | Page 15 of 28
CH1 10.0mV
B
W CH2 5.00mV
B
W
CH3 10.0V
CH4 5.00V
M 1.00µs A CH3
4.80V
T 30.20%
1
2
4
3
T
VOUT1 (AC)
SW1
VOUT2 (AC)
SW2
Figure 40. Steady Waveform of PWM Mode
1
2
3
4
T
CH1 2.00V
CH2 2.00V
B
W
CH3 2.00V
B
W
CH4 2.00V
B
W
M 200µs A CH2
3.32V
T 50.00%
VOUT1
VOUT2
VOUT3
VIN
Figure 41. Soft Start Waveform
1
3
4
T
CH1 5.00V
B
W
CH3 50.0mV BW CH4 200mA Ω BW
M 1.00ms A CH1
7.20V
T 20.20%
VOUT2 (AC)
IL2
VIN
Figure 42. Channel 2 Line Transient in Hysteresis Mode
1
3
4
T
CH1 5.00V
B
W
CH3 50.0mV BW CH4 200mA Ω BW
M 10.0µs A CH1
2.40V
T 20.80%
VOUT2 (AC)
IL2
SW2
Figure 43. Channel 2 Output Ripple of Hysteresis Mode
1
2
3
T
CH1 5.00V
CH3 5.00V BW
CH2 5.00V
M 1.00µs A CH3
3.00V
T 50.40%
SYNC/MODE
SW1
SW2
Figure 44. Synchronization to 1 MHz
1
3
4
T
CH1 5.00V
B
W
CH3 10.0mV BW CH4 200mA Ω BW
M 1.00ms A CH1
7.20V
T 20.20%
VOUT2 (AC)
IL2
VIN
Figure 45. Channel 2 Line Transient in PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com