Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5310AREZN-R7 Datasheet HTML 12Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 13Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 14Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 15Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 16Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 17Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 18Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 19Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADP5310
Data Sheet
Rev. A | Page 16 of 28
1
2
4
T
CH1 5.00V BW CH2 20.0mV BW
CH4 500mA Ω BW
M 1.00ms A CH1
7.20V
T 20.20%
VOUT1 (AC)
IL1
VIN
Figure 46. Channel 1 Line Transient in PWM Mode
1
4
T
CH1 200mV
B
W
CH4 500mA Ω
M 200µs A CH4
400mA
T 20.40%
VOUT1 (AC)
IOUT1 (AC)
Figure 47. Channel 1 Load Transient (0.2 A to 0.6 A Load Step)
2
3
T
CH1 1.00V BW
CH3 5.00V
CH2 1.00V BW
M 400µs
A CH1
3.40V
T 19.80%
SW1
VIN
VOUT1
Figure 48. Channel 1 100% Duty Operation in PWM Mode
2
4
T
CH2 50.0mV
B
W
CH4 20.0mA Ω BW
M 100µs A CH4
–41.6mA
T 70.40%
IOUT2
VOUT2 (AC)
Figure49. Channel2 HysteresisMode LoadTransient (10 mAto30 mA Load Step)
CH2 10.0mV
B
W
CH4 100mA Ω BW
M 100µs A CH4
92.0mA
T 70.40%
2
4
T
VOUT2 (AC)
IOUT2
Figure50. Channel2 PWM ModeLoadTransient(75mA to 225 mALoad Step)
1
3
T
CH1 1.00V
CH3 2.00V
CH2 1.00V BW
M 400µs
A CH1
4.36V
T 39.40%
VOUT2
SW2
VIN
Figure 51. Channel 2 100% Duty Operation in PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com