Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5310AREZN-R7 Datasheet HTML 18Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 19Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 20Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 21Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 22Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 23Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 24Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 25Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP5310
Data Sheet
Rev. A | Page 22 of 28
ADJUSTABLE OUTPUT VOLTAGE PROGRAMMING
The ADP5310 features an adjustable output voltage range from
0.8 V to 5.0 V. The output voltage is set by the ratio of two external
resistors. The device servos the output to maintain the voltage at
the FBx pin at 0.8 V, referenced to ground; the current in R1 is
then equal to 0.8 V/R2 plus the FB pin bias current. The bias
current of the FBx pin, 15 nA at 25°C, flows through R2 into the
FBx pin.
The output voltage is calculated using the equation
VOUT = 0.8 V(1 + R1/R2) + (IFB_ADJ)(R1)
To minimize errors in the output voltage caused by the bias
current of the FBx pin, maintain a value of R2 that is less than
200 kΩ. For example, when R1 and R2 each equal 200 kΩ, the
output voltage is 1.6 V. The output voltage error introduced by
the FBx pin bias current is 3 mV, or 0.187%, assuming a typical
FBx pin bias current of 15 nA at 25°C.
Note that in shutdown mode, the output is turned off and the
divider current is zero.
EFFICIENCY
Efficiency is the ratio of output power to input power. The high
efficiency of the ADP5310 has two distinct advantages. First,
only a small amount of power is lost in the dc-to-dc converter
package, which in turn, reduces thermal constraints. Second,
the high efficiency delivers the maximum output power for the
given input power, thereby extending battery life in portable
applications.
Power Switch Conduction Losses
Power switch dc conduction losses are caused by the flow of
output current through the P-channel power switch and the
N-channel synchronous rectifier, which have internal resis-
tances (RDS(ON)) associated with them. The amount of power
loss is approximated by
PSW_COND = (RDS(ON)_P × D + RDS(ON)_N × (1 − D)) × IOUT2
where:
IN
OUT
V
V
D =
The internal resistance of the power switches increases with tem-
perature and increases when the input voltage is less than 5.5 V.
Inductor Losses
Inductor conduction losses are caused by the flow of current
through the inductor, which has an internal DCR associated
with it. Larger size inductors have smaller DCR, which can
decrease inductor conduction losses. Inductor core losses relate
to the magnetic permeability of the core material. Because the
ADP5310 has high switching frequency dc-to-dc regulators,
shielded ferrite core material is recommended because of its low
EMI.
To estimate the total amount of power lost in the inductor (PL),
use the following equation:
PL = DCR × IOUT2 + Core Losses
Driver Losses
Driver losses are associated with the current drawn by the
driver to turn on and turn off the power devices at the switching
frequency. Each time a power device gate is turned on and turned
off, the driver transfers a charge from the input supply to the
gate, and then from the gate to ground.
Estimate driver losses using the following equation:
PDRIVER = (CGATE_P + CGATE_N) × VIN2 × fSW
where:
CGATE_P is the gate capacitance of the internal high-side switch.
CGATE_N is the gate capacitance of the internal low-side switch.
fSW is the switching frequency.
The typical value for both gate capacitances, CGATE_P and CGATE_N,
is 150 pF.
Transition Losses
Transition losses occur because the P-channel switch cannot
turn on or turn off instantaneously. In the middle of an SWx
node transition, the power switch provides all of the inductor
current. The source-to-drain voltage of the power switch is half
of the input voltage, resulting in power loss. Transition losses
increase with both load current and input voltage and occur
twice for each switching cycle.
Use the following equation to estimate transition losses:
PTRAN = VIN/2 × IOUT × (tR + tF) × fSW
where:
tR is the rise time of the SWx node.
tF is the fall time of the SWx node.
The typical value for the rise and fall times, tR and tF, is 2 ns.
RECOMMENDED BUCK EXTERNAL COMPONENTS
The recommended external components for use with the
ADP5310 are listed in Table 6, Table 7, and Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com