Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5310AREZN-R7 Datasheet HTML 10Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 11Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 12Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 13Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 14Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 15Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 16Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 17Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADP5310
Data Sheet
Rev. A | Page 14 of 28
1300
1000
1050
1100
1250
1150
1200
–40
0
25
85
125
TEMPERATURE (°C)
Figure 34. Channel 1 Peak Current Limit vs. Temperature
620
480
500
520
600
580
540
560
–40
0
25
85
125
TEMPERATURE (°C)
Figure 35. Channel 2 Peak Current Limit vs. Temperature
2.68
2.28
2.32
2.40
2.48
2.60
2.36
2.44
2.56
2.52
2.64
–40
0
25
85
125
TEMPERATURE (°C)
RISING
FALLING
Figure 36. UVLO Threshold, Rising and Falling, vs. Temperature
1300
1000
1050
1100
1150
1200
1250
4
6
8
10
12
14
16
VIN (V)
–40°C
+25°C
+125°C
Figure 37. Channel 1 Peak Current Limit vs. VIN
640
460
480
500
520
540
580
620
560
600
4
6
8
10
12
14
16
VIN (V)
–40°C
+25°C
+125°C
Figure 38. Channel 2 Peak Current Limit vs. VIN
1300
1050
1075
1100
1125
1150
1175
1225
1275
1200
1250
4
2
6
8
10
12
14
16
VIN (V)
–40°C
+25°C
+125°C
Figure 39. Switching Frequency vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com