Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5310AREZN-R7 Datasheet HTML 15Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 16Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 17Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 18Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 19Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 20Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 21Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 22Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADP5310
Rev. A | Page 19 of 28
ADJUSTABLE AND FIXED OUTPUT VOLTAGES
The buck regulator in Channel 1 provides adjustable and fixed
output voltage settings via the factory fuse. For the adjustable
output settings, use an external resistor divider to set the
desired output voltage via the feedback reference voltage (0.8 V
for Channel 1).
The buck regulator in Channel 2 provides adjustable and fixed
output voltage settings via the factory fuse as well. Because the
input source of the load switch in Channel 3 shares the FB2 pin,
the load switch in Channel 3 is unusable when Channel 2 is
configured in adjustable output mode via the factory fuse.
UNDERVOLTAGE LOCKOUT (UVLO)
The UVLO circuitry monitors the input voltage level of the
ADP5310 in the PVIN2 pin. When the input voltage falls below
2.40 V (typical), all channels turn off. After the input voltage
rises above 2.55 V (typical), the soft start period is initiated, and
the corresponding channel is enabled when the ENx pin is high.
ENABLE AND SHUTDOWN FEATURES
The ADP5310 uses the enable pins (EN1 and EN3) at logic
levels to enable and disable Channel 1 and Channel 3. The
associated channel begins operation with soft start when the
enable pin is toggled from logic low to logic high. Pulling an
enable pin low forces the associated channel into a shutdown
condition.
The buck regulator in Channel 2 is always alive as long as the
PVIN2 voltage is above the UVLO threshold.
INTERNAL LINEAR REGULATOR (VREG)
The internal linear VREG regulator in the ADP5310 provides a
stable 3.9 V power supply for the bias voltage of the MOSFET
drivers and internal control circuits. Connect a 1.0 µF ceramic
capacitor between VREG and ground.
OSCILLATOR AND SYNCHRONIZATION
The ADP5310 ensures that both buck regulators operate at the
same switching frequency when both buck regulators are in
PWM mode.
The ADP5310 offers 600 kHz or 1.2 MHz switching frequency
options in PWM operation mode via the factory fuse. The
default switching frequency is 1.2 MHz.
The switching frequency of theADP5310 can be synchronized to
an external clock with a frequency range from 400 kHz to 1.4 MHz.
The ADP5310 automatically detects the presence of an external
clock applied to the SYNC/MODE pin, and the switching
frequency transitions to the frequency of the external clock.
When the external clock signal stops, the device automatically
switches back to the internal clock and continues to operate.
CURRENT LIMIT
The buck regulators in the ADP5310 have protection circuitry
that limit the direction and the amount of current to a certain
level that flows through the high-side MOSFET and the low-
side MOSFET in cycle-by-cycle mode. The positive current
limit on the high-side MOSFET limits the amount of current
that can flow from the input to the output. The negative current
limit on the low-side MOSFET prevents the inductor current
from reversing direction and flowing out of the load.
SHORT-CIRCUIT PROTECTION
The buck regulators in theADP5310 include frequency foldback to
prevent current runaway on a hard short. When the output voltage
at the feedback pin falls below 0.3 V, indicating the possibility of
a hard short at the output, the switching frequency (in PWM
mode) is reduced to ¼ of the internal oscillator frequency. The
reduction in the switching frequency allows more time for the
inductor to discharge, preventing a runaway of output current.
SOFT START
The ADP5310 has an internal soft start function that ramps up
the output voltage in a controlled manner upon startup, thereby
limiting the inrush current. This prevents possible input voltage
drops when a battery or a high impedance power source is
connected to the input of the device. The default soft start time
is 350 µs for the regulators in Channel 1 and Channel 2.
Different soft start times can be programmed for each channel
by the factory fuse.
STARTUP WITH PRECHARGED OUTPUT
The buck regulators in the ADP5310 include a precharged
start-up feature to protect the low-side FETs from damage
during startup. If the output voltage is precharged before the
regulator is turned on, the regulator prevents reverse inductor
current, which discharges the output capacitor until the internal
soft start reference voltage exceeds the precharged voltage on
the feedback pin.
100% DUTY OPERATION
With a drop in input voltage or with an increase in load current,
the buck regulator in the ADP5310 may reach a limit where,
even with the high-side MOSFET on 100% of the time, the
ADP5310 works in 100% duty operation and the output is lower
than the preset value.At this limit, the buck regulator transitions to
a mode where the high-side MOSFET switch stays on 100% of
the time. When the input conditions charge again and the
required duty cycle falls, the buck immediately restarts PWM
regulation without allowing overshoot on the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com