Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5310AREZN-R7 Datasheet HTML 20Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 21Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 22Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 23Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 24Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 25Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 26Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 27Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADP5310
Data Sheet
Rev. A | Page 26 of 28
FACTORY PROGRAMMABLE OPTIONS
To order a device with options other than the default options, contact your local Analog Devices sales or distribution representative.
Table 9. Output Voltage Options for Channel 1 (Fixed Output Options: 1.2 V to 5.0 V)
Option
Description
Option 0
0.8 V adjustable output (default)
Option 1
1.2 V fixed output
Option 2
1.5 V fixed output
Option 3
1.8 V fixed output
Option 4
2.5 V fixed output
Option 5
2.85 V fixed output
Option 6
3.3 V fixed output
Option 7
5.0 V fixed output
Table 10. Output Voltage Options for Channel 2 (Fixed Output Options: 1.20 V to 3.60 V in 50 mV Increments, and 3.60 V to 5.00 V in
100 mV Increments)
Option
Description
Option 0
0.8 V adjustable output (note that the Channel 3 load switch is not usable in this configuration)
Option 1
1.20 V fixed output
Option 2
1.25 V fixed output
…
…
Option 35
2.90 V fixed output
Option 36
2.95 V fixed output
Option 37
3.00 V fixed output (default)
Option 38
3.05 V fixed output
…
…
Option 48
3.55 V fixed output
Option 49
3.60 V fixed output
Option 50
3.70 V fixed output
Option 51
3.80 V fixed output
…
…
Option 62
4.90 V fixed output
Option 63
5.00 V fixed output
Table 11. Switching Frequency
Option
Description
Option 0
1.2 MHz (default)
Option 1
600 kHz
Table 12. Operation Mode for Channel 1
Option
Description
Option 0
Forced PWM mode
Option 1
Automatic PWM/PSM mode (default)
Table 13. Output Discharge Functionality Options for Channel 1
Option
Description
Option 0
Output discharge function disabled for the buck regulator in Channel 1 (default)
Option 1
Output discharge function enabled for the buck regulator in Channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com