Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5310AREZN-R7 Datasheet HTML 6Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 7Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 8Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 9Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 10Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 11Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 12Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 13Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP5310
Data Sheet
Rev. A | Page 10 of 28
90
100
10
0
20
30
40
50
60
70
80
0
200
400
600
800
100
300
500
700
LOAD CURRENT (mA)
VIN = 5V
VIN = 7.2V
VIN = 9V
VIN = 12V
VIN = 15V
Figure 10. Channel 1 PWM Efficiency vs. Load Current, VOUT1 = 1.8 V
90
100
10
0
20
30
40
50
60
70
80
0
200
400
600
800
100
300
500
700
LOAD CURRENT (mA)
VIN = 5V
VIN = 7.2V
VIN = 9V
VIN = 12V
VIN = 15V
Figure 11. Channel 1 PWM Efficiency vs. Load Current, VOUT1 = 3.3 V
80
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VIN = 5V
VIN = 7.2V
VIN = 9V
VIN = 12V
Figure 12. Channel 2 Hysteresis Efficiency vs. Load Current, VOUT2 = 1.2 V
90
100
10
0
20
30
40
50
60
70
80
0
200
400
600
800
100
300
500
700
LOAD CURRENT (mA)
VIN = 5V
VIN = 7.2V
VIN = 9V
VIN = 12V
VIN = 15V
Figure 13. Channel 1 PWM Efficiency vs. Load Current, VOUT1 = 2.5 V
90
100
10
0
20
30
40
50
60
70
80
0
200
400
600
800
100
300
500
700
LOAD CURRENT (mA)
VIN = 7.2V
VIN = 9V
VIN = 12V
VIN = 15V
Figure 14. Channel 1 PWM Efficiency vs. Load Current, VOUT1 = 5 V
80
85
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VIN = 5V
VIN = 7.2V
VIN = 9V
VIN = 12V
VIN = 15V
Figure 15. Channel 2 Hysteresis Efficiency vs. Load Current, VOUT2 = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com