Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP5310AREZN-R7 Datasheet HTML 1Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 2Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 3Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 4Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 5Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 6Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 7Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 8Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADP5310
Data Sheet
Rev. A | Page 4 of 28
SPECIFICATIONS
VIN = 6 V, VREG = 3.9 V, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for typical specifications, unless
otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT SUPPLY VOLTAGE RANGE
VIN
2.7
15.0
V
PVIN1 and PVIN2 pins
QUIESCENT CURRENT
PVIN1 and PVIN2 pins
Operating Quiescent Current
Standby Operation
IQ1
700
1850
nA
−40°C ≤ TJ ≤ +85°C, EN1 =
SYNC/MODE = low
700
3800
nA
−40°C ≤ TJ ≤ +125°C, EN1 =
SYNC/MODE = low
PWM Operation
IQ3
1.4
1.65
mA
EN1 = SYNC/MODE = high
UNDERVOLTAGE LOCKOUT
UVLO
PVIN2 pin
UVLO Threshold
Rising
VUVLO_RISING
2.55
2.75
V
Falling
VUVLO_FALLING
2.15
2.40
V
Hysteresis
VHYS
150
mV
OSCILLATOR CIRCUIT
For Channel 1 and Channel 2,
PWM mode
Switching Frequency
fSW
1050
1200
1350
kHz
525
600
675
kHz
Feedback (FB) Threshold of
Frequency Fold
VOSC_FOLD
0.3
V
SYNCHRONIZATION THRESHOLD
SYNC Clock Range
SYNCCLOCK
400
800
kHz
fSW = 600 kHz
SYNCCLOCK
800
1400
kHz
fSW = 1.2 MHz
SYNC High Level Threshold
SYNCHIGH
1.2
V
SYNC Low Level Threshold
SYNCLOW
0.4
V
SYNC Pulse On Time Range
SYNCON
80
1/fSW − 150
ns
EN1 and EN3
Input High Level Threshold
VIH
1.2
V
Input Low Level Threshold
VIL
0.4
V
Input Leakage Current
ILEAKAGE
300
nA
INTERNAL POWER GOOD
Internal Power-Good Threshold
VPWRGD(RISE)
88
92
96
%
Internal Power-Good Hysteresis
VPWRGD(HYS)
5
%
Internal Power-Good Rising Delay
tPWRGD_RISE
16
Clock
cycles
Internal Power-Good Falling Delay
tPWRGD_FALL
1
µs
Leakage Current for PWRGD Pin
IPWRGD_LEAKAGE
10
40
nA
Output Low Voltage for PWRGD Pin
VPWRGD_LOW
50
100
mV
IPWRGD = 100 µA
INTERNAL REGULATOR
VREG Output Voltage
VREG
3.6
3.9
4.2
V
THERMAL SHUTDOWN
Threshold
TSHDN
135
°C
Hysteresis
THYS
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com