Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5310AREZN-R7 Datasheet HTML 1Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 2Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 3Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 4Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 5Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 6Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 7Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 8Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADP5310
Rev. A | Page 5 of 28
BUCK REGULATORS AND LOAD SWITCH SPECIFICATIONS
VIN = 6 V, VREG = 3.9 V, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for typical specifications, unless
otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
CHANNEL 1 SYNC BUCK REGULATOR
Supply Voltage Range
VIN1
2.7
15.0
V
PVIN1 pin
Rating Output Current
IOUT
800
mA
FB1 Pin in PWM Mode
Fixed Output Options
VOUT1_FIX
1.2
5.0
V
Factory trim, 3 bits (adjustable,
1.2 V, 1.5 V, 1.8 V, 2.5 V, 2.85 V,
3.3 V, 5.0 V)
Fixed Output Accuracy
VFB1_FIX
−1.5
+1.5
%
Adjustable Output Voltage Range
VOUT1_ADJ
0.8
PVIN1
V
Adjustable voltage option
Adjustable Feedback Voltage
VFB1
0.800
V
Adjustable voltage option
Adjustable Feedback Voltage
Accuracy
VFB1_ADJ
−0.55
+0.55
%
TJ = 25°C
−1.2
+1.0
%
0°C ≤ TJ ≤ 85°C
−1.5
+1.5
%
−40°C ≤ TJ ≤ +125°C
FB1 Pin in PSM Mode
Threshold Accuracy from Active
Mode to Skip Mode
VFB1_PSM
−1.5
+1.5
%
Hysteresis of Threshold Accuracy
from Active Mode to Skip Mode
VFB1_PSM(PSM)
1
%
Feedback Bias Current
IFB1
0.1
µA
Adjustable voltage option
SW1 Pin
High-Side Power FET On
Resistance
RDS(ON)1H
472
690
mΩ
Pin to pin measurement
Low-Side Power FET On
Resistance
RDS(ON)1L
438
725
mΩ
Pin to pin measurement
Current-Limit Threshold
ITH(ILIM1)
1000
1260
1450
mA
Minimum On Time
tMIN_ON1
38
70
ns
Soft Start Time
tSS1
350
µs
Factory trim, 1 bit (350 µs, 2800 µs)
COUT Discharge Switch On Resistance
RDIS1
287
Ω
CHANNEL 2 SYNC BUCK REGULATOR
Supply Voltage Range
VIN2
2.7
15.0
V
PVIN2 pin
Rating Output Current
Hysteresis Mode
IOUT_HYS
50
mA
PWM Mode
IOUT_PWM
300
mA
Mode Transition
Transition Delay from Hysteresis
Mode to PWM Mode
THYS_TO_PWM
8
Clock
cycles
SYNC/MODE goes logic high
from logic low
FB2 Pin in PWM Mode
Fixed Output Options
VOUT2_FIX
1.2
5.0
V
Factory trim, 8 bits (adjustable,
1.2 V to 3.6 V in 50 mV steps, and
3.6 V to 5.0 V in 100 mV steps)
Fixed Output Accuracy
VFB2_FIX
−1.5
+1.5
%
Adjustable Output Voltage Range
VOUT2_ADJ
0.8
PVIN2
V
Adjustable voltage option (note
that Channel 3 has no use in this
setting)
Adjustable Feedback Voltage
VFB2
0.800
V
Adjustable voltage option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com