Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5310AREZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5310AREZN-R7
Description  3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5310AREZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5310AREZN-R7 Datasheet HTML 14Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 15Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 16Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 17Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 18Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 19Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 20Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 21Page - Analog Devices ADP5310AREZN-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADP5310
Data Sheet
Rev. A | Page 18 of 28
THEORY OF OPERATION
The ADP5310 is an ultralow power management unit that
combines dual buck regulators and one load switch in a 16-lead
TSSOP_EP package to meet demanding performance and board
space requirements. The device enables direct connection to the
wide input voltage range of 2.7 V to 15 V, allowing the use of
multiple alkaline/NiMH or lithium cells and other power sources.
BUCK REGULATOR OPERATION MODES
PWM Mode
In PWM mode, the buck regulators in the ADP5310 operate at a
fixed frequency that is set by an internal oscillator. At the start
of each oscillator cycle, the high-side MOSFET switch turns on and
sends a positive voltage across the inductor. The inductor current
increases until the current sense signal exceeds the peak current
threshold of the inductor that turns off the high-side MOSFET
switch and turns on the low-side MOSFET. This places a negative
voltage across the inductor, causing the inductor current to reduce.
The low-side MOSFET stays on for the remainder of the cycle.
PSM Mode
The ADP5310 smoothly transitions to the variable frequency
PSM mode of operation when the load current decreases below
the pulse skipping threshold current, IMIN. For the peak current
of the inductor based on the input and output voltages, the design
of the IMIN value is based on the recommended inductor values.
Deviating from the recommended inductor value for a particular
output voltage results in shifting the PSM to PWM threshold
and may result in the device entering discontinuous mode (DCM).
As long as the required peak inductor current is above IMIN, the
regulator remains in PWM mode. As the load decreases, the PSM
circuitry prevents the peak inductor current from dropping below
the PSM peak current value. This circuitry causes the regulator
to supply more current to the output than the load requires,
resulting in the output voltage increasing and the output of the
internal compensation node of the error amplifier, VCOMP,
decreasing.
When the FB1 pin voltage rises above 1% of the nominal output
voltage and the VCOMP node voltage is below a predetermined
PSM threshold voltage level, the regulator enters skip mode.
While in skip mode, the high-side and low-side switches and a
majority of the circuitry are disabled to allow a low skip mode
quiescent current as well as high efficiency performance.
During skip mode, the output voltage decreases as the output
capacitor discharges into the load. Fixed frequency operation starts
when the FB1 voltage reaches the nominal output voltage. When
the load requirement increases past the IMIN peak current level,
the VCOMP node rises and the PWM control loop sets the duty
cycle. While the device is entering and exiting skip mode, the
PSM voltage ripple is larger than 1% because of the delay in the
comparators.
Hysteresis Mode
In hysteresis mode, the buck regulator in the ADP5310 charges
the output voltage slightly higher than its nominal output
voltage with PWM pulses by regulating the constant peak
inductor current. When the output voltage increases until the
output sense signal exceeds the hysteresis upper threshold, the
regulator enters standby mode. In standby mode, the high-side
and low-side MOSFET and a majority of the circuitry are
disabled to allow a low quiescent current as well as high
efficiency performance.
During standby mode, the output capacitor supplies the energy
into the load and the output voltage decreases until it falls below
the hysteresis comparator lower threshold. The buck regulator
wakes up and generates the PWM pulses to charge the output
again.
Because the output voltage occasionally enters standby mode
and then recovers, the output voltage ripple in hysteresis mode
is larger than the ripple in PWM mode.
Mode Selection
The buck regulator in Channel 1 uses the default automatic
PSM/PWM mode for excellent light load efficiency. Current
mode, constant frequency PWM mode can be programmed by
the factory fuse for excellent stability and transient performance.
The buck regulator in Channel 2 includes the SYNC/MODE pin,
allowing configuration in hysteresis mode or PWM mode.
When a logic high level is applied to the SYNC/MODE pin, the
buck regulator in Channel 2 is forced to operate in PWM mode.
In PWM mode, the regulator can supply up to 300 mA of output
current. The regulator can provide lower output ripple and
lower 1/f output noise in PWM mode, which benefits noise
sensitive applications.
When a logic low level is applied to the SYNC/MODE pin, the
buck regulator in Channel 2 is forced to operate in hysteresis
mode. In hysteresis mode, the regulator draws only 700 nA of
quiescent current to regulate the output under zero load, which
allows Channel 2 to act as a keep-alive power supply in a
battery-powered system. In hysteresis mode, the regulator
supplies up to 50 mA of output current with a relatively large
output ripple compared to PWM mode.
The user can alternate between hysteresis mode and PWM
mode during operation. The flexible configuration capability
during operation of the device enables efficient power
management to meet high efficiency and low output ripple
requirements when the system switches between active mode
and standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com