Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
35
Figure 23 Application and Release of Mute
Figure 23 shows the application and release of MUTE whilst a full amplitude sinusoid is being played
at 48kHz sampling rate. When MUTE (lower trace) is asserted, the output (upper trace) begins to
decay exponentially from the DC level of the last input sample. The output will decay towards VMID
with a time constant of approximately 64 input samples. If MUTE is applied to all channels for 1024
or more input samples the DAC will be muted if IZD is set. When MUTE is de-asserted, the output
will restart immediately from the current input sample.
All other means of muting the DAC channels will cause a much more abrupt muting of the output.
DE-EMPHASIS MODE
A digital de-emphasis filter may be applied to each DAC channel. The de-emphasis filter for each
stereo channel is enabled under the control of DEEMP[3:0]. DEEMP[0] enables the de-emphasis
filter for DAC 1, DEEMP[1] enables the de-emphasis filter for DAC 2, DEEMP[2] enables the de-
emphasis filter for DAC 3 and DEEMP[3] enables the de-emphasis filter for DAC 4.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
DEEMP[3:0]
0000
De-emphasis mode select:
DEEMP[0] = 1, enable De-
emphasis on DAC1.
DEEMP[1] = 1, enable De-
emphasis on DAC2.
DEEMP[2] = 1, enable De-
emphasis on DAC3.
DEEMP[3] = 1, enable De-
emphasis on DAC4.
R17
DAC CONTROL 3
11h
4
DEEMPALL
0
0 = De-emphasis controlled by
DEEMP[3:0]
1 = De-emphasis enabled on all
DACs
Table 26 De-emphasis Register
Refer to Figure 40, Figure 40, Figure 41, Figure 42, Figure 43, Figure 44 and Figure 45 for details of
the De-Emphasis modes at different sample rates.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com