Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8581 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
w
WM8581
Multichannel CODEC with S/PDIF Transceiver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Product Preview, March 2006, Rev 1.0
Copyright
2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8581 is a multi-channel audio CODEC with S/PDIF
transceiver. The WM8581 is ideal for DVD and surround
sound processing applications for home hi-fi, automotive
and other audiovisual equipment.
Integrated into the device is a stereo 24-bit multi-bit sigma
delta ADC with support for digital audio output word lengths
from 16-bit to 32-bit, and sampling rates from 8kHz to
192kHz.
Also included are four stereo 24-bit multi-bit sigma delta
DACs,
each
with
a
dedicated
oversampling
digital
interpolation filter. Digital audio input word lengths from 16-
bits to 32-bits and sampling rates from 8kHz to 192kHz are
supported. Each DAC channel has independent digital
volume and mute control.
Two independent audio data interfaces support I
2S, Left
Justified, Right Justified and DSP digital audio formats.
Each audio interface can operate in either Master Mode or
Slave Mode.
The S/PDIF transceiver is IEC-60958-3 compatible and
supports frame rates from 32k/s to 192k/s. It has four
multiplexed inputs and one output. Status and error
monitoring is built-in and results can reported over the serial
interface
or
via
GPO
pins.
S/PDIF
Channel
Block
configuration is also supported.
The device has
two PLLs
that can be configured
independently to generate two system clocks for internal or
external use.
Device control and setup is via a 2-wire or 3-wire (SPI
compatible) serial interface. The serial interface provides
access to all features including channel selection, volume
controls, mutes, de-emphasis, S/PDIF control/status, and
power management facilities. Alternatively, the device has a
Hardware Control Mode where device features can be
enabled/disabled using selected pins.
The device is available in a 48-lead TQFP package.
FEATURES
•
Mutli-channel CODEC with 4 Stereo DACs and 1 Stereo
ADC
•
Integrated S/PDIF / IEC-60958-3 transceiver
•
Audio Performance
−
103dB SNR (‘A’ weighted @ 48kHz) DAC
−
-90dB THD (48kHz) DAC
−
100dB SNR (‘A’ weighted @ 48kHz) ADC
−
-90dB THD (48kHz) ADC
•
DAC Sampling Frequency: 8kHz – 192kHz
•
ADC Sampling Frequency: 8kHz – 192kHz
•
Independent ADC and DAC Sample Rates
•
2 and 3-Wire Serial Control Interface with readback, or
Hardware Control Interface
•
GPO pins allow visibility of user selected status flags
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
Four independent stereo DAC outputs with independent
digital volume controls
•
Two Independent Master or Slave Audio Data Interfaces
•
Flexible Digital Interface Routing with Clock Selection
Control
•
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital Supply
Operation
•
48-lead TQFP Package
APPLICATIONS
•
Digital TV
•
DVD Players and Receivers
•
Surround Sound AV Processors and Hi-Fi systems
•
Automotive Audio


Similar Part No. - WM8581

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8581 WOLFSON-WM8581 Datasheet
1Mb / 100P
Multichannel CODEC with S/PDIF Transceiver
WM8581AGEFT/RV WOLFSON-WM8581AGEFT/RV Datasheet
1Mb / 100P
Multichannel CODEC with S/PDIF Transceiver
WM8581AGEFT/V WOLFSON-WM8581AGEFT/V Datasheet
1Mb / 100P
Multichannel CODEC with S/PDIF Transceiver
WM8581 WOLFSON-WM8581_07 Datasheet
1Mb / 100P
Multichannel CODEC with S/PDIF Transceiver
More results

Similar Description - WM8581

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
logo
Wolfson Microelectronic...
WM8580 WOLFSON-WM8580 Datasheet
968Kb / 92P
Multichannel CODEC with S/PDIF Transceiver
WM8580 WOLFSON-WM8580_07 Datasheet
989Kb / 92P
Multichannel CODEC with S/PDIF Transceiver
WM8581 WOLFSON-WM8581_07 Datasheet
1Mb / 100P
Multichannel CODEC with S/PDIF Transceiver
logo
Cirrus Logic
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518_05 Datasheet
1Mb / 91P
110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
logo
Wolfson Microelectronic...
WM8580_07 WOLFSON-WM8580_07_12 Datasheet
1Mb / 97P
Multichannel CODEC with S/PDIF Transceiver
logo
List of Unclassifed Man...
VT1616 ETC2-VT1616 Datasheet
497Kb / 40P
6-Channel AC97 Codec with S/PDIF
logo
Wolfson Microelectronic...
WM8580 WOLFSON-WM8580_08 Datasheet
1Mb / 103P
Multichannel CODEC with S/PDIF Transceiver
WM8580A WOLFSON-WM8580A Datasheet
1Mb / 106P
Multichannel CODEC with S/PDIF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com