Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
82
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:3
DEEMPH[2:0]
000
000 = Data from Audio interface has no pre-emphasis.
001 = Data from Audio interface has pre-emphasis.
010 = Reserved (Audio interface has pre-emphasis).
011 = Reserved (Audio interface has pre-emphasis).
All other modes are reserved and should not be used.
7:6
CHSTMODE
[1:0]
00
00 = Only valid mode for consumer applications.
R32
SPDTXCHAN 2
20h
7:0
CATCODE
[7:0]
00000000
Category Code. Refer to S/PDIF specification for details.
00h indicates “general” mode
3:0
SRCNUM
[3:0]
0000
Source Number. No definitions are attached to data.
Channel Number for Subframe 1
CHNUM1
Channel Status Bits[23:20]
00
0000 = Do not use channel number
01
0001 = Send to Left Channel
10
0010 = Send to Right Channel
5:4
CHNUM1[1:0]
00
11
0000 = Do not use channel number
Channel Number for Subframe 2
CHNUM2
Channel Status Bits[23:20]
00
0000 = Do not use channel number
01
0001 = Send to Left Channel
10
0010 = Send to Right Channel
R33
SPDTXCHAN 3
21h
7:6
CHNUM2[1:0]
00
11
0000 = Do not use channel number
3:0
FREQ[3:0]
0001
Sampling Frequency. See S/PDIF specification for details.
0001 = Sampling Frequency not indicated.
R34
SPDTXCHAN 4
22h
5:4
CLKACU[1:0]
11
Clock Accuracy of Generated clock.
00 = Level II
01 = Level I
10 = Level III
11 = Interface frame rate not matched to sampling frequency.
0
MAXWL
1
Maximum Audio sample word length
0 = 20 bits
1 = 24 bits
Audio Sample Word Length.
000 = Word Length Not Indicated
TXWL[2:0]
MAXWL==1
MAXWL==
0
001
20 bits
16 bits
010
22 bits
18 bits
100
23 bits
19 bits
101
24 bits
20 bits
110
21 bits
17 bits
3:1
TXWL[2:0]
101
All other combinations reserved
R35
SPDTXCHAN 5
23h
7:4
ORGSAMP
[3:0]
0000
Original Sampling Frequency. See S/PDIF specification for details.
0000 = original sampling frequency not indicated
R36
SPDMODE
24h
0
SPDIFIN1MODE
1
Selects the input circuit type for the SPDIFIN1 input
0 = CMOS-compatible input
1 = Comparator input. Compatible with 500mVpp AC coupled
consumer S/PDIF input signals as defined in IEC-60958-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com