Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
55
S/PDIF TRANSMITTER
The S/PDIF transmitter generates the S/PDIF frames, and outputs on the SPDIFOP pin. The audio
data for the frame can be taken from one of four sources, selectable using the TXSRC register. The
transmitter can be powered down using the SPDIFTXD register bit. The S/PDIF Transmitter can be
bypassed by setting the REAL_THROUGH register control bit. When set, the SPDIFOP pin sources
the output of the S/PDIF input mux.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
TXSRC[1:0]
00
S/PDIF Transmitter Data Source
00 = S/PDIF received data (see REAL_THROUGH)
01 = ADC digital output data.
10 = Secondary Audio Interface
11 = Audio Interface received data
2
OVWCHAN
0
Overwrite Channel Status
Only used if TXSRC=00. Overwrites the received
channel status data using data read from S/PDIF
transmitter channel status register
0 = Channel data equal to recovered channel data.
1 = Channel data taken from channel status registers.
R30
SPDTXCHAN 0
1Eh
3
REAL_
THROUGH
0
S/PDIF Through Mode Control
0 = SPDIFOP pin sources output of S/PDIF Transmitter
1 = SPDIFOP pins sources output of S/PDIF IN Mux
R51
PWRDN 2
33h
4
SPDIFTXD
1
S/PDIF Transmitter powerdown
0 = S/PDIF Transmitter enabled
1 = S/PDIF Transmitter disabled
Table 47 S/PDIF Transmitter Control
The WM8581 also transmits the preamble and VUCP bits (Validity, User Data, Channel Status and
Parity bits).
Validity Bit
Set to 0 (to indicate valid data) – unless TXSRC=00 (S/PDIF receiver), where Validity is the value
recovered from the S/PDIF input stream by the S/PDIF receiver.
User Data
Set to 0 as User Data configuration is not supported in the WM8581 – if TXSRC=00 (S/PDIF
receiver) User Data is the value recovered from the S/PDIF input stream by the S/PDIF receiver.
Channel Status
The Channel Status bits form a 192-frame block - transmitted at 1 bit per sub-frame. Each sub-frame
forms its own 192-frame block. The WM8581 is a consumer mode device and only the first 40 bits of
the block are used. All data transmitted from the WM8581 is stereo, so the channel status data is
duplicated for both channels. The only exception to this is the channel number bits (23:20) which can
be changed to indicate whether the channel is left or right in the stereo image. Bits within this block
can be configured by setting the Channel Status Bit Control registers (see Table 48 to Table 52). If
TXSRC=00 (S/PDIF receiver), the Channel Status bits are transmitted with the same values
recovered by the receiver – unless OVWCHAN is set, in which case they are set by the S/PDIF
transmitter channel status registers.
Parity Bit
This bit maintains even parity for data as a means of basic error detection. It is generated by the
transmitter.
For further details of all channel status bits, refer to IEC-60958-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com