Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
52
S/PDIF RECEIVE MODE CLOCKING
In S/PDIF receive mode, the PLLA_N and PLLA_K values are automatically controlled by the S/PDIF
receiver to allow the receiver to use PLLA to lock on to and track the incoming S/PDIF data stream. PLLB
must be configured to produce a specific reference clock frequency for the S/PDIF receiver.
The S/PDIF receiver has four clocking modes based on the incoming S/PDIF stream sample rate. The
modes are:
•
Mode 1: Incoming S/PDIF Sample Rate = 192kHz +/- 1%
•
Mode 2: Incoming S/PDIF Sample Rate = 88.2kHz -1% to 96kHz +1%
•
Mode 3: Incoming S/PDIF Sample Rate = 44.1kHz -1% to 48kHz +1%
•
Mode 4: Incoming S/PDIF Sample Rate = 32kHz +/- 1%
Before the S/PDIF receiver is enabled, it is important that the PLLB_N and PLLB_K register values (and the
PRESCALE_x values as appropriate) are manually configured in a specific default state. The PLLB_N and
PLLB_K register values (and the PRESCALE_x values as appropriate) must also be manually re-configured
when a change of the clocking mode is detected and the change is to mode 1 or from mode 1. Note that the
PRESCALE_A value must always be set to the same value as PRESCALE_B.
The specified PLLB f2 frequencies that must be configured using the PLLB_N and PLLB_K register values
(and the PRESCALE_x values as appropriate) for reception of specific S/PDIF sample rates are as follows:
•
Mode 1 (192kHz Sample Rate): PLLB f2 = 98.304MHz
•
Modes 2/3/4 (32/44.1/48/88.2/96kHz Sample Rates): PLLB f2 = 94.3104MHz
The FREQMODE_B[1:0] bits and POSTSCALE_B bit are not used in PLL S/PDIF recever mode.
The PLL register settings are configured by default to allow 32/44.1/48/88.2/96kHz (modes 2/3/4) sample
rate S/PDIF receiver operation using a 12MHz crystal clock. The appropriate PLLB register values must be
updated if:
•
Any crystal clock frequency other than 12MHz is used.
OR
•
A S/PDIF stream with 192kHz sample rate (mode 1) is detected.
In either case, reprogramming of the PLLB_N and PLLB_K values (and the PRESCALE_x values as
appropriate) is necessary.
Refer to Table 46 for details of a number of recommended PLLB configurations. Many other configurations
are possible; please refer to PLL Configuration section for details regarding how to calculate alternative
settings.
OSC
CLK
(MHz)
PRE-
SCALE_X
S/PDIF RECEIVER
SAMPLE RATE(S) (kHz)
F1
(MHz)
F2
(MHz)
R
PLLB_N
(Hex)
PLLB_K
(Hex)
COMMENT
11.2896
0
32 / 44.1 / 48 / 88.2 / 96
11.2896 94.3104 8.3537
8
16A3B3
Set N, K
11.2896
0
192
11.2896
98.304
8.7075
8
2D4766
Set N, K
12
0
32 / 44.1 / 48 / 88.2 / 96
12
94.3104 7.8592
7
36FD21
Default Setting
12
0
192
12
98.304
8.192
8
C49BA
Set N, K
12.288
0
32 / 44.1 / 48 / 88.2 / 96
12.288
94.3104
7.675
7
2B3333
Set K
12.288
0
192
12.288
98.304
8
8
0
Set N, K
19.2
1
32 / 44.1 / 48 / 88.2 / 96
9.6
94.3104
9.824
9
346C6A
Set Prescales, N, K
19.2
1
192
9.6
98.304
10.24
A
F5C28
Set Prescales, N, K
24
1
32 / 44.1 / 48 / 88.2 / 96
12
94.3104 7.8592
7
36FD21
Set Prescales
24
1
192
12
98.304
8.192
8
C49BA
Set Prescales, N, K
27
1
32 / 44.1 / 48 / 88.2 / 96
13.5
94.3104
6.986
6
3F19E5
Set Prescales, N, K
27
1
192
13.5
98.304
7.2818
7
1208A5
Set Prescales, K
Table 46 S/PDIF Receive Mode PLLB Initial Configuration Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com