Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
86
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
101
24 bits
20 bits
110
21 bits
17 bits
All other combinations are reserved and may give erroneous
operation. Data will be truncated internally when these bits are set
7:4
ORGSAMP
[3:0]
-
Original Sampling Frequency. See S/PDIF specification for details.
0000 = original sampling frequency not indicated
0
AUDIO_N
-
Recovered Channel Status bit-1.
0 = Data word represents audio PCM samples.
1 = Data word does not represent audio PCM samples.
1
PCM_N
-
Indicates that non-audio code (defined in IEC-61937) has been
detected.
0 = Sync code not detected.
1 = Sync code detected – received data is not audio PCM.
2
CPY_N
-
Recovered Channel Status bit-2.
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
Note this signal is inverted and will cause an interrupt on logic 0.
3
DEEMPH
-
Recovered Channel Status bit-3
0 = Recovered S/PDIF data has no pre-emphasis.
1 = Recovered S/PDIF data has pre-emphasis
5:4
REC_FREQ
[1:0]
--
Indicates recovered S/PDIF clock frequency:
00 = 192kHz
01 = 96kHz / 88.2kHz
10 = 48kHz / 44.1kHz
11 = 32kHz
R49
SPDSTAT
31h
6
UNLOCK
-
Indicates that the S/PDIF Clock Recovery circuit is unlocked or
that the input S/PDIF signal is not present.
0 = Locked onto incoming S/PDIF stream.
1 = Not locked to the incoming S/PDIF stream or the incoming
S/PDIF stream is not present.
0
PWDN
0
Chip Powerdown Control (works in tandem with the other
powerdown registers):
0 = All digital circuits running, outputs are active
1 = All digital circuits in power save mode, outputs muted
1
ADCPD
1
ADC powerdown:
0 = ADC enabled
1 = ADC disabled
4:2
DACPD[3:0]
1111
DAC powerdowns (0 = DAC enabled, 1 = DAC disabled)
DACPD[0] = DAC1
DACPD[1] = DAC2
DACPD[2] = DAC3
DACPD[3] = DAC4
R50
PWRDN 1
32h
6
ALLDACPD
1
Overrides DACPD[3:0]
0 = DACs under control of DACPD[3:0]
1= All DACs are disabled.
0
OSCPD
0
OSC power down
0 = OSC enabled
1 = OSC disabled
1
PLLAPD
1
0 = PLLA enabled
1 = PLLA disabled
R51
PWRDN 2
33h
2
PLLBPD
1
0 = PLLB enable
1 = PLLB disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com