Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
46
PHASE-LOCKED LOOPS AND S/PDIF CLOCKING (SOFTWARE MODE)
The WM8581 is equipped with two independent phase-locked loop clock generators and a comprehensive
clocking scheme which provides maximum flexibility and function and many configurable routing possibilities
for the user in software mode. An overview of the software mode clocking scheme is shown in Figure 31.
Figure 31 PLL and Clock Select Circuit
OSCILLATOR
The function of the oscillator is to generate the OSCCLK oscillator clock signal. This signal may be used as:
•
The clock source for the PLLs.
•
A selectable clock source for the MCLK pin, when the pin is configured as an output.
•
A selectable clock source for the CLKOUT pin, when enabled.
Whenever the PLLs or the S/PDIF receiver is enabled, the OSCCLK signal must be present to enable the
PLLs to generate the necessary clock signals.
The oscillator uses a Pierce type oscillator drive circuit. This circuit requires an external crystal and
appropriate external loading capacitors. The oscillator circuit contains a bias generator within the WM8581
and hence an external bias resistor is not required. Crystal frequencies between 10 and 14.4MHz or
16.28MHz and 27MHz can be used in software mode. In this case the oscillator XOUT must be powered up
using the OSCPD bit. The recommended circuit is shown in the recommended components diagram, please
refer to Figure xx.
Alternatively, an external CMOS compatible clock signal can be applied to the XIN pin in the absence of a
crystal. This is not recommended when using the PLL as the PLL requires a jitter-free OSCCLK signal for
optimum performance. In this case the oscillator XOUT can be powered down using the OSCPD bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com