Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
77
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
PAIFRXFMT
[1:0]
10
PAIF Receiver Audio Data Format Select
11: DSP Format
10: I
2S Format
01: Left justified
00: Right justified
3:2
PAIFRXWL
[1:0]
10
PAIF Receiver Audio Data Word Length
11: 32 bits (see Note)
10: 24 bits
01: 20 bits
00: 16 bits
4
PAIFRXLRP
0
In LJ/RJ/I
2S modes
0 = LRCLK not inverted
1 = LRCLK inverted
In DSP Format:
0 = DSP Mode A
1 = DSP Mode B
5
PAIFRXBCP
0
PAIF Receiver BCLK polarity
0 = BCLK not inverted
1 = BCLK inverted
6
DACOSR
0
DAC Oversampling Rate Control
0= 128x oversampling
1= 64x oversampling
R12
PAIF 3
0Ch
8:7
DAC_SRC
[1:0]
11
DAC1 Source:
00 = S/PDIF received data.
10 = SAIF Receiver data
11 = PAIF Receiver data
Note: When DAC_SRC = 00, DAC2/3/4 may be turned off,
depending on RX2DAC_MODE
1:0
PAIFTXFMT
[1:0]
10
PAIF Transmitter Audio Data Format Select
11: DSP Format
10: I
2S Format
01: Left justified
00: Right justified
3:2
PAIFTXWL
[1:0]
10
PAIF Transmitter Audio Data Word Length
11: 32 bits (see Note)
10: 24 bits
01: 20 bits
00: 16 bits
4
PAIFTXLRP
0
In LJ/RJ/I
2S modes
0 = LRCLK not inverted
1 = LRCLK inverted
In DSP Format:
0 = DSP Mode A
1 = DSP Mode B
5
PAIFTXBCP
0
PAIF Receiver BCLK polarity
0 = BCLK not inverted
1 = BCLK inverted
R13
PAIF 4
0Dh
8:7
PAIFTX_SRC
[1:0]
01
Primary Audio Interface Transmitter Source
00 = S/PDIF received data.
01 = ADC digital output data.
10 = SAIF Receiver data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com