Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
12
TERMINOLOGY
1.
Signal-to-noise ratio (dB) - SNR is a measure of the difference in level between the full scale output and the output with no
signal applied. (No Auto-zero or Automute function is employed in achieving these results).
2.
Dynamic range (dB) - DNR is a measure of the difference between the highest and lowest portions of a signal. Normally a
THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB to it. (e.g. THD+N
@ -60dB= -32dB, DR= 92dB).
3.
THD (dB) - THD is a ratio, of the rms values, of Distortion/Signal.
4.
Stop band attenuation (dB) - Is the degree to which the frequency spectrum is attenuated (outside audio band).
5.
Channel Separation (dB) - Also known as Cross-Talk. This is a measure of the amount one channel is isolated from the
other. Normally measured by sending a full scale signal down one channel and measuring the other.
6.
Pass-Band Ripple - Any variation of the frequency response in the pass-band region.
MASTER CLOCK TIMING
ADCMCLK/
MCLK
t
MCLKL
t
MCLKH
t
MCLKY
Figure 1 Master Clock Timing Requirements
Test Conditions
AVDD, PVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN = 0V, PGND, DGND = 0V, TA = +25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
ADCMCLK and MCLK System clock
pulse width high
tMCLKH
11
ns
ADCMCLK and MCLK System clock
pulse width low
tMCLKL
11
ns
ADCMCLK and MCLK System clock
cycle time
tMCLKY
28
ns
ADCMCLK and MCLK Duty cycle
40:60
60:40
Table 3 Master Clock Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com