Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
22
SOFTWARE REGISTER RESET
Writing to register R53 will cause a register reset, resetting all register bits to their default values.
Note that the WM8581 is powered down by default so writing to this register will power down the
device.
Table 11 Software Reset
DIGITAL AUDIO INTERFACES
Audio data is transferred to and from the WM8581 via the Digital Audio Interfaces. There are two Receive
Audio Interfaces and two Transmit Audio Interfaces. The Digital Routing options for these interfaces are
described on page 24. Control of the audio interfaces is described below.
MASTER AND SLAVE MODES
The Audio Interfaces require both a left-right-clock (LRCLK) and a bit-clock (BCLK). These can be supplied
externally (slave mode) or they can be generated internally (master mode). When in master mode, the
BCLKs and LRCLKs for an interface are output on the corresponding BCLK and LRCLK pins. By default, all
interfaces operate in slave mode, but can operate in master mode by setting the PAIFTXMS, PAIFRXMS,
SAIFMS register bits. In Hardware Control Mode, the PAIF Transmitter can operate in master mode by
setting the SDI pin.
Figure 12 Slave Mode
Figure 13 Master Mode
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R53
RESET
35h
8:0
RESET
n/a
Writing any data value to this register
will apply a reset to the device
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com