Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
23
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
5
PAIFRX
MS
0
PAIF Rx Master/Slave Mode Select:
0 = Slave Mode
1 = Master Mode
R10
5
PAIFTX
MS
0
PAIF Tx Master/Slave Mode Select:
0 = Slave Mode
1 = Master Mode
R11
5
SAIFMS
0
SAIF Master/Slave Mode Select:
0 = Slave Mode
1 = Master Mode
Table 26 Master Mode Registers
The frequency of a master mode LRCLK is dependant on system clock and the RATE register control
bits. Table 27 shows the settings for common sample rates and system clock frequencies.
MCLK CLOCK FREQUENCY (MHZ)
128fs
192fs
256fs
384fs
512fs
768fs
1152fs
SAMPLING RATE
(LRCLK)
RATE =000
RATE =001
RATE =010
RATE =011
RATE =100
RATE =101
RATE =110
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
36.864
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
Unavailable
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
Unavailable
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Unavailable
Table 12 Master Mode MCLK / LRCLK Frequency Selection
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
PAIF 1
09h
2:0
PAIFRX_RATE
[2:0]
010
R10
PAIF 2
0Ah
2:0
PAIFTX_RATE
[2:0]
010
R11
SAIF 1
0Bh
2:0
SAIF_RATE
[2:0]
010
Master Mode MCLK/LRCLK
Ratio:
000 = 128fs
001 = 192fs
010 = 256fs
011 = 384fs
100 = 512fs
101 = 768fs
110 = 1152fs
Table 13 Master Mode RATE Registers
In master mode, the BCLKSEL register controls the number of BCLKs per LRCLK. If the
MCLK:LRCLK ratio is 128fs or 192fs and BCLKSEL = 10, BCLKSEL is overwritten to be 128
BCLKs/LRCLK. Also, if BCLKSEL = 00, and LRCLK is 192fs or 1152fs, the generated BCLK has a
mark-space ratio of 1:2.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
PAIF 1
09h
4:3
PAIFRX_BCLKSEL
[1:0]
00
R10
PAIF 2
0Ah
4:3
PAIFTX_BCLKSEL
[1:0]
00
R11
SAIF 1
0Bh
4:3
SAIF_BCLKSEL
[1:0]
00
Master Mode BCLK Rate:
00 = 64 BCLKs/LRCLK
01 = 128 BCLKs/LRCLK
10 = 256 BCLKs/LRCLK
11 = BCLK = System Clock.
Table 14 Master Mode BCLK Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com