Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8581 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8581
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8581 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8581 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 94 page
background image
WM8581
Product Preview
w
PP Rev 1.0 March 2006
80
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
MUTEALL
0
DAC channel master soft mute. Mutes all DAC channels
0 = disable soft-mute on all DACs
1 = enable soft-mute on all DACs
5
DZCEN
0
DAC Digital Volume Zero Cross Enable
0 = Zero Cross detect disabled
1 = Zero Cross detect enabled
6
DACATC
0
Attenuator Control
0 = All DACs use attenuations as programmed.
1 = Right channel DACs use corresponding left DAC attenuations
7
MPDENB
0
MUTE pin decode enable
0 = MUTE activates soft-mute on DAC selected by DZFM
1 = MUTE activates softmute on all DACs
7:0
LDA1[7:0]
11111111
(0dB)
Digital Attenuation control for DAC1 Left Channel (DACL1) in
0.5dB steps. See Table 22
R20
DIGITAL
ATTENUATION
DACL 1
14h
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0 = Store LDA1 in intermediate latch (no change to output)
1 = Apply LDA1 and update attenuation on all channels
7:0
RDA1[6:0]
11111111
(0dB)
Digital Attenuation control for DAC1 Right Channel (DACR1) in
0.5dB steps. See Table 22
R21
DIGITAL
ATTENUATION
DACR 1
15h
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0 = Store RDA1 in intermediate latch (no change to output)
1 = Apply RDA1 and update attenuation on all channels
7:0
LDA2[7:0]
11111111
(0dB)
Digital Attenuation control for DAC2 Left Channel (DACL2) in
0.5dB steps. See Table 22
R22
DIGITAL
ATTENUATION
DACL 2
16h
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0 = Store LDA2 in intermediate latch (no change to output)
1 = Apply LDA2 and update attenuation on all channels
7:0
RDA2[7:0]
11111111
(0dB)
Digital Attenuation control for DAC2 Right Channel (DACR2) in
0.5dB steps. See Table 22
R23
DIGITAL
ATTENUATION
DACR 2
17h
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0 = Store RDA2 in intermediate latch (no change to output)
1 = Apply RDA2 and update attenuation on all channels
7:0
LDA3[7:0]
11111111
(0dB)
Digital Attenuation control for DAC3 Left Channel (DACL3) in
0.5dB steps. See Table 22
R24
DIGITAL
ATTENUATION
DACL 3
18h
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0 = Store LDA3 in intermediate latch (no change to output)
1 = Apply LDA3 and update attenuation on all channels
7:0
RDA3[7:0]
11111111
(0dB)
Digital Attenuation control for DAC3 Right Channel (DACR3) in
0.5dB steps. See Table 22
R25
DIGITAL
ATTENUATION
DACR 3
19h
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0 = Store RDA3 in intermediate latch (no change to output)
1 = Apply RDA3 and update attenuation on all channels
7:0
LDA4[7:0]
11111111
(0dB)
Digital Attenuation control for DAC4 Left Channel (DACL4) in
0.5dB steps. See Table 22
R26
DIGITAL
ATTENUATION
DACL 4
1Ah
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0 = Store LDA4 in intermediate latch (no change to output)
1 = Apply LDA4 and update attenuation on all channels
7:0
RDA4[7:0]
11111111
(0dB)
Digital Attenuation control for DAC4 Right Channel (DACR4) in
0.5dB steps. See Table 22
R27
DIGITAL
ATTENUATION
DACR 4
1Bh
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0 = Store RDA4 in intermediate latch (no change to output)
1 = Apply RDA4 and update attenuation on all channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com