Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 21 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 21 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 17Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 18Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 19Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 20Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 21Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 22Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 23Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 24Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 21
VSC8540RT
5.3.5
CLKOUT FREQUENCY SELECTION
The RXD6 and RXD7 pins can be pulled LOW or HIGH to set the bit 0 and bit 1 default values of the CLKOUT frequency
selection register 13G.[14:13] = RXD[7:6]. The following table describes the allowed default CLKOUT frequency set-
tings.
The CLKOUT frequency can be changed from the default setting to any of the other settings on any device variant by
modifying the register bits through the SMI interface.
5.4
Cat5 Twisted Pair Media Interface
The twisted pair interface is compliant with IEEE 802.3-2008 and the IEEE 802.3az-2010 standard for Energy-Efficient
Ethernet. In 10BASE-T and 100BASE-TX modes TX is on the Channel A for MDI and Channel B for MDI-X. Likewise,
RX is on Channel B for MDI and on Channel A for MDI-X.
5.4.1
VOLTAGE MODE LINE DRIVER
The VSC8540RT device uses a patented voltage mode line driver that allows it to fully integrate the series termination
resistors that are required to connect the PHY’s Cat5 interface to an external 1:1 transformer. The interface does not
require the user to place an external voltage on the center tap of the magnetic. The following figure illustrates the con-
nections.
FIGURE 5-6:
CAT5 MEDIA INTERFACE
5.4.2
CAT5 AUTO-NEGOTIATION AND PARALLEL DETECTION
The VSC8540RT device supports twisted pair auto-negotiation, as defined by IEEE 802.3-2008 Clause 28 and
IEEE 802.3az-2010. The auto-negotiation process evaluates the advertised capabilities of the local PHY and its link
partner to determine the best possible operating mode. In particular, auto-negotiation can determine speed and duplex
TABLE 5-10:
CLKOUT FREQUENCY SELECTION
RXD[7:6]
CLKOUT Frequency
00
25 MHz
01
50 MHz
10
125 MHz
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com