Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 72 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 72 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 68Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 69Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 70Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 71Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 72Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 73Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 74Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 75Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
VSC8540RT
DS60001603E-page 72
2022 Microchip Technology Inc. and its subsidiaries
8.4.7
MII RECEIVE
The following table lists the characteristics when using the device in MII receive mode. For information about the MII
receive timing, see the following figure
FIGURE 8-4:
MII RECEIVE TIMING
8.4.8
MII TRANSMIT
The following table lists the characteristics when using the device in MII transmit mode. For information about the MII
transmit timing, see the following figure.
FIGURE 8-5:
MII RECEIVE TIMING
TABLE 8-23:
MII RECEIVE AC CHARACTERISTICS
Parameter
Symbol Minimum Typical Maximum Unit
RX_CLK to RXD[3:0], RX_DV, RX_ER
delay
tDELAY
10
30
ns
RX_CLK duty cycle
DC
35
65
%
TABLE 8-24:
MII TRANSMIT AC CHARACTERISTICS
Parameter
Symbol Minimum Typical Maximum
Unit
Condition
Setup to MII_TXCLK ris-
ing
tSU
15
ns
Hold from MII_TXCLK ris-
ing
tH
0
ns
Measured from 0.8V to
2.0V, VDDMAC = 2.5V
and 3.3V
RX_CLK
RXD[3:0]
RX_DV
RX_ER
Valid Data
tDELAY
MII_TXCLK
TXD[3:0]
TX_EN
TX_ER
tSU
tH
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com