Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 53 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 53 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 49Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 50Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 51Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 52Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 53Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 54Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 55Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 56Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 53
VSC8540RT
11:8
100BASE-TX signal amplitude trim2
R/W
Sticky bit.
100BASE-TX signal ampli-
tude
0000: 1.8%
0001: 2.7%
0010: 3.6%
0011: 4.5%
0100: 5.4%
0101: 6.3%
0110: 7.2%
0111 8.1%
1000: –8%
1001: –6.2%
1010: –4.4%
1011: –2.7%
1100: –1.8%
1101: –0.9%
1110: 0%
1111: 0.9%
0010
7:4
10BASE-T signal amplitude trim3
R/W
Sticky bit.
10BASE-T signal amplitude
0000: 0%
0001: 0.9%
0010: 1.8%
0011: 2.7%
0100: 3.6%
0101: 4.5%
0110: 5.4%
0111: 6.1%
1000: –7.2%
1001: –6.3%
1010: –5.4%
1011: –4.5%
1100: –3.6%
1101: –2.7%
1110: –1.8%
1111: –0.9%
1000
3:0
10BASE-Te signal amplitude trim
R/W
Sticky bit.
10BASE-Te signal amplitude
0000: 0%
0001: 0.65%
0010: 1.3%
0011: 1.95%
0100: 2.6%
0101: 3.25%
0110: 3.9%
0111: 4.55%
1000: –5.2%
1001: –4.55%
1010: –3.9%
1011: –3.25%
1100: –2.6%
1101: –1.95%
1110: –1.3%
1111: –0.65%
1110
TABLE 6-36:
CU PMD TRANSMIT CONTROL, ADDRESS 16E2 (0X10) (CONTINUED)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com