Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 68 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 68 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 64Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 65Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 66Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 67Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 68Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 69Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 70Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 71Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 87 page
background image
VSC8540RT
DS60001603E-page 68
2022 Microchip Technology Inc. and its subsidiaries
8.3.10
THERMAL DIODE
The device includes an on-die diode and internal circuitry for monitoring die temperature (junction temperature). The
operation and accuracy of the diode is not guaranteed and should only be used as a reference.
The on-die thermal diode requires an external thermal sensor, located on the board or in a stand-alone measurement
kit. Temperature measurement using a thermal diode is very sensitive to noise. The following illustration shows a generic
application design.
FIGURE 8-1:
THERMAL DIODE
Note:
Microchip does not support or recommend operation of the thermal diode under reverse bias.
The following table provides the diode parameter and interface specifications with the pins connected internally to VSS
in the device.
TABLE 8-13:
CURRENT CONSUMPTION (VDDMAC)
Mode
Typical (mA)
VDDMAC (Nominal, room temp)
Maximum (mA)
VDDMAC (Vdd max, Tamb = 125 °C)
1.5V
1.8V
2.5V
3.3V
1.575V
1.89V
2.62V
Reset
< 1
< 1
< 1
1
< 1< 1< 1
< 1
Power Down
< 11
< 11
< 11
11
6†2
72
102
132
ActiPHY
< 11
11
11
11
72
82
112
142
No Link
< 11
11
11
11
< 11
11
11
11
MII(100BASE-TX)
6
7
10
12
7
8
11
15
MII(10BASE-T/Te)
1
2
3
3
2
2
3
4
RGMII (100BASE-TX)
5
6
8
10
6
7
10
12
RGMII (10BASE-T/Te) 1
1
2
2
1
2
2
3
RMII (100BASE-TX)
8
10
14
16
9
11
15
22
RMII (10BASE-T/Te)
6
7
10
12
7
8
11
14
1. GMII/MII/RMII
†2.
RGMII
TABLE 8-14:
POWER CONSUMPTION
Parameter
Symbol
Typical
Maximum
Unit
Worst-case power consumption
PD
400
mW
TABLE 8-15:
THERMAL DIODE PARAMETERS
Parameter
Symbol
Typical
Maximum
Unit
Forward bias current
IFW
See note1
1. Typical value is device dependent.
1mA
Diode ideality factor
n
1.008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com