Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 17 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 17 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 13Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 14Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 15Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 16Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 17Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 18Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 19Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 20Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 17
VSC8540RT
Even though the RMII specification does not call for the use of TX_ER signal, it is required in order to support Energy-
Efficient Ethernet (802.3az).
5.2.3.2
RMII Clocking Overview
When the device is in RMII mode, the clock inputs to the device need to support the various modes in which RMII device
can operate. There are two basic modes of operation in RMII mode:
• Mode 1—system provides a 50 MHz clock that is used to clock the RMII interface and must be used as the chip
reference clock.
• Mode 2—PHY operates from a 25 MHz or 125 MHz reference clock, and sources the 50 MHz clock used for the
RMII interface.
These two modes of operation and the clocking schemes are described in the following sections.
5.2.3.2.1
Mode 1
In this mode of operation, an external source is used to provide a 50 MHz clock through the RMII_CLKIN and the XTAL1
pin. This 50 MHz clock is used as the main clock for the RMII interface, and must be used as the reference clock for the
PHY connected to the XTAL1 pin. There is no phase requirement concerning the clock arrival at the RMII_CLKIN pin
as compared to the XTAL1 pin. In this mode, the RMII_CLKOUT signal from the PHY is not used. The RMII_CLKOUT
is enabled by default and that clock output should be disabled through register 27E2.4. The following figure illustrates
RMII signal connections at the system level.
FIGURE 5-4:
MODE 1
5.2.3.2.2
Mode 2
In this mode of operation, the PHY operates from a 25 MHz crystal (XTAL1 and XTAL2) or 25 MHz/50 MHz/125 MHz
single-ended external clock (XTAL1), and sources the 50 MHz clock required for the RMII interface. This 50 MHz clock
is output from the PHY on the RMII_CLKOUT pin and then connected to the MAC and PHY RMII_CLKIN signals. In this
mode, the PHY generates a 50 MHz clock for the system and that clock output is enabled. The following figure illustrates
RMII signal connections at the system level.
TXD3
TX_ER (to support 802.3az)
TXD1
TXD1
TXD0
TXD0
TX_EN/TX_CTL
TX_EN
RXD1
RXD1
RXD0
RXD0
RXD3
RX_ER
RX_DV/RX_CTL
CRS_DV
TABLE 5-3:
RMII PIN ALLOCATION (CONTINUED)
Chip Pin
RMII Signal
MAC
SimpliPHY
TX_EN
TXD[1:0]
RX_ER
CRS_DV
RXD[1:0]
50 MHz clock
TX_EN
TXD[1:0]
RX_ER
CRS_DV
RXD[1:0]
RMII_CLK
TX_EN
TXD[1:0]
RX_ER
RX_CTL
RXD[1:0]
RMII_CLKIN
XTAL2
X
PLL
RMII_CLKOUT
XTAL1
TX_ER
TX_ER
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com