Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 23 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 23 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 19Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 20Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 21Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 22Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 23Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 24Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 25Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 26Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 23
VSC8540RT
In addition, the IEEE 802.3az-2010 standard defines a 10BASE-Te mode that reduces transmit signal amplitude from
5V peak-to-peak to approximately 3.3V peak-to-peak. This mode reduces power consumption in 10 Mbps link speed
and fully interoperates with legacy 10BASE-T-compliant PHYs over 100 m Cat5 cable or better.
To configure the VSC8540RT device in 10BASE-Te mode, sets register 17E2.15 to 1 for each port. Additional energy-
efficient Ethernet features are controlled through Clause 45 registers. For more information, see Section 6.6, "Clause
45 Registers to Support Energy-Efficient Ethernet and 802.3bf"
5.5
Reference Clock
The VSC8540RT device supports multiple reference clock input options to allow maximum system level flexibility. There
are two REFCLK_SEL signals available to allow an end user to select between the various options. The following table
shows the functionality and associated reference clock frequency.
The following figure shows a reference tank circuit for a fundamental mode crystal.
Note:
For best performance, traces on PCB should be of similar length and Kelvin-connected to ground.
FIGURE 5-8:
XTAL REFERENCE CLOCK
Note:
Routing capacitance less than 1 pF from each XTAL pin to crystal device.
The following figure shows an external 3.3V reference clock.
TABLE 5-12:
REFCLK FREQUENCY SELECTION
REFCLK_SEL [1:0]
Reference Clock Mode
00
25 MHz, on-chip oscillator ON (XTAL1/2 pins)
01
25 MHz, on-chip oscillator OFF (XTAL1 pin)
10
50 MHz, on-chip oscillator OFF (XTAL1 pin)
11
125 MHz, on-chip oscillator OFF (XTAL1 pin)
mp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com