Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 71 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 71 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 67Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 68Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 69Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 70Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 71Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 72Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 73Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 74Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 71
VSC8540RT
8.4.4
RMII_CLKOUT
This section provides the AC characteristics for the RMII_CLKOUT signal.
Note:
The RMII_CLKOUT signal is provided on the RX_CLK pin (see Table 5-3) when the device is operating in
RMII mode.
The following table shows the AC specifications for RMII_CLKOUT.
8.4.5
BASIC SERIAL LEDS
This section contains the AC specifications for the basic serial LEDs.
FIGURE 8-3:
BASIC SERIAL LED TIMING
8.4.6
RMII AC CHARACTERISTICS
The following table lists the characteristics when using the device in RMII mode.
TABLE 8-20:
RMII_CLKOUT AC CHARACTERISTICS
Parameter
Symbol
Minimum
Typical
Maximum
Unit
RMII_CLKOUT frequency
ƒ
50
MHz
RMII_CLKOUT duty cycle
DC
35
65
%
RMII_CLKOUT rise time
tR
1ns
RMII_CLKOUT fall time
tF
1ns
TABLE 8-21:
BASIC SERIAL LEDS AC CHARACTERISTICS
Parameter
Symbol
Typical
Unit
LED_CLK cycle time
tCYC
1024
ns
Pause between LED port sequences tPAUSE_PORT 3072
ns
Pause between LED bit sequences
tPAUSE_BIT
25.541632 ms
LED_CLK to LED_DATA
tCO
1ns
TABLE 8-22:
RMII AC CHARACTERISTICS
Parameter
Symbol Minimum Typical Maximum Unit
TXD[1:0], TX_EN data setup to RMII_-
CLKIN rising edge
TSU
4ns
TXD[1:0], TX_EN data hold from RMII_-
CLKIN rising edge
THOLD
2ns
RXD[1:0], CRS_DV, and RX_ER output
delay from RMII_CLKIN rising edge
TDELAY
13.5
ns
LED_CLK
LED_DATA
tCO
tCYC
tPAUSE_PORT
Bit 1
Bit X
Bit 1
Bit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com