Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 70 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 70 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 66Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 67Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 68Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 69Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 70Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 71Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 72Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 73Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 87 page
background image
VSC8540RT
DS60001603E-page 70
2022 Microchip Technology Inc. and its subsidiaries
8.4.2
RECOVERED CLOCK
This section provides the AC characteristics for the recovered clock output signal. The following table shows the AC
specifications for the RCVRD_CLK output.
The following illustration shows the test circuit for the CLKOUT, RCVRD_CLK, and RMII_CLKOUT outputs.
FIGURE 8-2:
TEST CIRCUIT FOR RECOVERED CLOCK OUTPUTS SIGNAL
8.4.3
CLKOUT
This section provides the AC characteristics for the CLKOUT signal.
The following table shows the AC specifications for the CLKOUT output.
TABLE 8-18:
RECOVERED CLOCK AC CHARACTERISTICS
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Condition
Recovered clock frequency
ƒ
125
MHz
Recovered clock frequency
ƒ
31.25
MHz
Recovered clock frequency
ƒ
25
MHz
Recovered clock cycle time
tRCYC
8ns
Recovered clock cycle time
tRCYC
32
ns
Recovered clock cycle time
tRCYC
40
ns
Frequency stability
ƒSTABILITY
50
ppm
Duty cycle
DC
40
50
60
%
Clock rise time and fall time
tR, tF
1.2
ns
20% to 80%
Peak-to-peak jitter, copper media interface JPPCLK_Cu
400
ps
10k samples.
TABLE 8-19:
CLKOUT AC CHARACTERISTICS
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Condition
CLKOUT frequency
ƒ
125
MHz
CLKOUT frequency
ƒ
50
MHz
CLKOUT frequency
ƒ
25
MHz
CLKOUT cycle time
tCOCYC
8ns
CLKOUT cycle time
tCOCYC
20
ns
CLKOUT cycle time
tCOCYC
40
ns
Frequency stability
ƒSTABILITY
5
ppm
Relative to device
REFCLK frequency
Duty cycle
DC
40
50
60
%
CLKOUT at
25 MHz and
125 MHz
Duty cycle
DC
35
50
75
%
CLKOUT at
50 MHz
Clock rise time and fall time
tR, tF
1.5
ns
20% to 80%
Peak-to-peak jitter
JPPCLK-
OUT
700
ps
10 k samples
Device Under Test
Signal Measurement Point
50
Ω 1 ns T-line
39
Ω
5.1 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com