Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 8 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 8 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 4Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 5Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 6Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 7Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 8Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 9Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 10Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 11Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
VSC8540RT
DS60001603E-page 8
 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 3-1:
PIN DIAGRAM
3.3
Pins by Function
This section contains the functional pin descriptions for the VSC8540RT device. All power supply pins must be con-
nected to their respective voltage input, even if certain functions are not used for a specific application. No power supply
sequencing is required. However, clock and power must be stable before releasing Reset. The SMI pins are referenced
to VDDMDIO.
TABLE 3-2:
PINS BY FUNCTION
Functional Group Name
Numbe
r
Type
I/O
Domain
Description
Cu PHY Media
P0_D0N
12
ADIFF VDD25A
Tx/Rx channel A negative signal
Cu PHY Media
P0_D0P
13
ADIFF VDD25A
Tx/Rx channel A positive signal
Cu PHY Media
P0_D1N
9
ADIFF VDD25A
Tx/Rx channel B negative signal
Cu PHY Media
P0_D1P
10
ADIFF VDD25A
Tx/Rx channel B positive signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com