Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 69 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 69 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 65Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 66Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 67Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 68Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 69Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 70Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 71Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 72Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 69
VSC8540RT
The ideality factor, n, represents the deviation from ideal diode behavior as exemplified by the diode equation:
where, IS = saturation current, q = electronic charge, VD = voltage across the diode, k = Boltzmann constant, and T =
absolute temperature (Kelvin).
8.4
AC Characteristics
The following sections discuss AC characteristics.
8.4.1
REFERENCE CLOCK
The following table lists the AC specifications for the REFCLK reference clock.
8.4.1.1
XTAL Reference Clock
When using the 25 MHz crystal clock input option (REFCLK_SEL[1:0] = 00), the additional specifications listed in the
following table are required.
TABLE 8-16:
REFCLK
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Condition
REFCLK frequency,
REFCLK_SEL[1:0]= 11
ƒ
–100 ppm 125
100 ppm
MHz
REFCLK frequency,
REFCLK_SEL[1:0]= 10
ƒ
–100 ppm 50
100 ppm
MHz
REFCLK frequency,
REFCLK_SEL[1:0]= 01
ƒ
–100 ppm 25
100 ppm
MHz
Rise time and fall time
tR, tF
1.5
ns
20% to 80%, 5.1 pF load
Duty cycle
45
55
%
Phase jitter—Gaussian
4
psRMS Bandwidth from 10 kHz to
10 MHz
Total jitter, peak-to-peak
200
psPP
10K samples.
TABLE 8-17:
XTAL REFCLK
Parameter
Symbol
Minimum
Typical
Maximum
Unit
CL1
1.
where
C1EXT =C1+CINEXT
C2EXT = C2 + COUTEXT
CINEXT represents input (XTAL1) I/O, bond pad, package pin, and routing
parasitic capacitance
and COUTEXT represents output (XTAL2) I/O, bond pad, package pin, and routing
parasitic capacitance.
For a reference tank circuit, see Figure 5-8.
8pF
Crystal ESR
60
IFW
IS e
qVD
 nkT

1
–

=
CL
C1EXT C2EXT
C1EXT C2EXT
+
---------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com