Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 7 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 7 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 3Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 4Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 5Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 6Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 7Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 8Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 9Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 10Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 7
VSC8540RT
3.0
PIN DESCRIPTIONS
The VSC8540RT device has 68 pins, which are described in this section.
3.1
Pin Identifications
This section contains the pin descriptions for the VSC8540RT device. The following table provides notations for defini-
tions of the various pin types.
3.2
Pin Diagram
The following illustration shows the pin diagram for the VSC8540RT device, as seen looking through the package from
the top of it. Note that the exposed pad for the plastic package or the heat slug for the ceramic package connects to the
package ground and have both the same size.
TABLE 3-1:
PIN TYPE SYMBOL DEFINITIONS
Symbol
Pin Type
Description
A
Analog
Analog.
ADIFF
Analog differential
Analog differential signal pair.
I
Input
Input without on-chip pull-up or pull-down resistor.
I/O
Bidirectional
Bidirectional input or output signal.
O
Output
Output signal.
P
Power
Power.
PD
Pull-down
On-chip pull-down resistor present.
PU
Pull-up
On-chip pull-up resistor present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com