Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-MQ Datasheet(PDF) 77 Page - Microchip Technology

Part # VSC8540XMVRT-MQ
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-MQ Datasheet(HTML) 77 Page - Microchip Technology

Back Button VSC8540XMVRT-MQ Datasheet HTML 73Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 74Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 75Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 76Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 77Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 78Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 79Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 80Page - Microchip Technology VSC8540XMVRT-MQ Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 77
VSC8540RT
FIGURE 8-10:
SERIAL MANAGEMENT INTERFACE TIMING
8.4.13
RESET TIMING
This section contains the AC specifications that apply to device reset functionality. The signal applied to the NRESET
input must comply with the specifications listed in the following table.
TABLE 8-30:
RESET TIMING AC CHARACTERISTICS
Parameter
Symbol Minimum Typical Maximum Unit
NRESET assertion time after power supplies and clock stabilize tW
2ms
Recovery time from reset inactive to device fully active
tREC
15
ms
NRESET pulse width
tW(RL)
100
ns
Wait time between NRESET de-assert and access of the SMI
interface
tWAIT
15
ms
tCYC
tWL
tWH
tSU
tH
tCO
Data
Data
MD IO
(read)
MD IO
(w rite)
MDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com