Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 21Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 22Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 23Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 24Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 25Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 26Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 27Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 28Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
25 / 132
9.1 AES Secure Messaging
The AES Secure Messaging is managed by AuthenticateEV2First and
AuthenticateEV2NonFirst.
Note that AuthenticateEV2First and AuthenticateEV2NonFirst can also be used to start
LRP Secure Messaging, as defined in Section 9.2. This is done with the PCDCap2 sent
in First Authentication and the return code, see Section 9 and Section 9.2.5 for details.
9.1.1 Transaction Identifier
In order to avoid interleaving of transactions from multiple PCDs toward one PICC, the
Transaction Identifier (TI) is included in each MAC that is calculated over commands
or responses. The TI is generated by the PICC and communicated to the PCD with a
successful execution of an AuthenticateEV2First command, see Section 11.4.1. The size
is 4 bytes and these 4 bytes can hold any value. The TI is treated as a byte array, so
there is no notion of MSB and LSB.
9.1.2 Command Counter
A command counter is included in the MAC calculation for commands and responses in
order to prevent e.g. replay attacks. It is also used to construct the Initialization Vector
(IV) for encryption and decryption.
Each command, besides few exceptions, see below, is counted by the command counter
CmdCtr which is a 16-bit unsigned integer. Both sides count commands, so the actual
value of the CmdCtr is never transmitted. The CmdCtr is reset to 0000h at PCD and
PICC after a successful AuthenticateEV2First authentication and it is maintained as
long as the PICC remains authenticated. In cryptographic calculations, the CmdCtr is
represented LSB first. Subsequent authentications using AuthenticateEV2NonFirst do not
affect the CmdCtr. Subsequent authentications using the AuthenticateEV2First will reset
the CmdCtr to 0000h. The CmdCtr is increased between the command and response, for
all communication modes.
When a MAC on a command is calculated at PCD side that includes the CmdCtr, it uses
the current CmdCtr. The CmdCtr is afterwards incremented by 1. At PICC side, a MAC
appended at received commands is checked using the current value of CmdCtr. If the
MAC matches, CmdCtr is incremented by 1 after successful reception of the command,
and before sending a response.
For CommMode.Full, the same holds for both the MAC and encryption IV calculation, i.e.
the non-increased value is used for the command calculations while the increased value
is used for the response calculations.
If the CmdCtr holds the value FFFFh and a command maintaining the active
authentication arrives at the PICC, this leads to an error response and the command is
handled like the MAC was wrong.
Command chaining, see Section 8.5, does not affect the counter. The chained command
is considered as a single command, just as for the other aspects of secure messaging,
and thus the related counter is increased only once.
9.1.3 MAC Calculation
MACs are calculated using the underlying block cipher according to the CMAC standard
described in [6]. Padding is applied according to the standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com