Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 83Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 84Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 85Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 86Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 87Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 88Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 89Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 90Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
87 / 132
Table 88.  Response data parameters description - ReadData
Name
Length
Value
Description
Response
data
up to 256
byte including
secure
messaging
Full Range
Data read from the file
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 89
Table 89.  Return code description - ReadData
Status
Value
Description
COMMAND_ABORTED
CAh
Chained command or multiple pass command ongoing
INTEGRITY_ERROR
1Eh
Invalid secure messaging MAC (only)
LENGTH_ERROR
7Eh
Command size not allowed
PARAMETER_ERROR
9Eh
Parameter value not allowed
PICC level (MF) is selected.
Targeted file is not of StandardData or
TransactionMAC.
Read and ReadWrite of targeted StandardData file
only have access conditions set to Fh.
Read of targeted TransactionMAC file only have
access conditions set to Fh.
Targeted file is not a TransactionMAC file and sesTMC
reached its maximal value.
PERMISSION_DENIED
9Dh
Targeted file is not a TransactionMAC file and
TMCLimit was reached.
FILE_NOT_FOUND
F0h
Targeted file does not exist in the targeted application
Read and ReadWrite of targeted StandardData file not
granted while at least one of the access conditions is
different from Fh.
AUTHENTICATION_ERROR
AEh
Read of targeted TransactionMAC file not granted
while different from Fh.
If targeting StandardData, attempt to read beyond the
file boundary as set during creation
BOUNDARY_ERROR
BEh
If targeting TransactionMAC, attempt to read beyond
the file boundary of 12 byte
MEMORY_ERROR
EEh
Failure when reading or writing to non-volatile memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com