Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 34Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 35Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 36Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 37Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 38Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 39Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 40Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 41Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
38 / 132
calculated TMV, as defined in Section 10.3.2.4 and the increased TMC which was used
for the calculation of SesTMACKey.
In case the application is configured for LRP, this means the used actTMC and sesTMC,
see Section 10.3.2.1, are written into the file. On successful CommitTransaction,
the sesTMC is also reset to zero and written to the non-user-accessible NVM for
future session key generation. If TMC reached the TMCLimit, see Section 10.3.2.2,
the application remains selected, but with limited functionality: no data management
commands, see Section 11.8 can be executed anymore, except ReadData targeting
the TransactionMAC file. Also CommitReaderID will be rejected. All these file updates
are processed as a single atomic operation. In case of tearing, either all or none of the
changes are applied to the memory.
After execution of this command a new transaction is started.
The command is rejected if no application has been selected.
An error code is also returned if no write access has been done to any of the backup
file types and, in case the application is protected by the Transaction MAC feature (see
Section 10.3), no Transaction MAC calculation update has been done. This means no
command that is included in the Transaction MAC calculation has been executed, i.e.
the TMI is still the empty string. So note that if Transaction MAC is enabled, successful
execution of CommitTransaction updating the TransactionMAC is possible without any
write operation, as read operations are also included in the Transaction MAC calculation.
If CommitReaderID is required according to access right configuration of the
TransactionMAC, this command will be rejected if no ReaderID has been committed
during the ongoing transaction, i.e. if TMRICur is still the empty string. If a ReaderID
was committed in an authenticated state (EV2 authenticated state or LRP authenticated
state), this value TMRICur is stored in non-volatile memory as TMRIPrev as part of the
atomic operation. If the ReaderID was committed when not authenticated, TMRIPrev is
not updated.
The CommitTransaction requires MAC if there is an active authentication. Information on
authentication and secure messaging-dependent structure of the command can be found
in Section 9.
The CommitTransaction is typically the last command of a transaction before deselecting
the card with the ISO/IEC 14443-4 deselect command [3].
Note that TMC and TMV can also be read out encrypted, if preferred. In this case,
the TransactionMAC file should be configured for CommMode.Full. One can then use
ReadData to retrieve this information, instead of requesting it within the response of
CommitTransaction.
10.2.2 AbortTransaction
A transaction can be aborted by explicitly issuing a AbortTransaction command.
Next to this any ongoing transaction is also automatically aborted after:
• unsuccessful execution of a command
• selecting an application with the ISOSelectFile command, even if the same application
is reselected.
• creating/deleting the TransactionMAC file with CreateTransactionMACFile or
DeleteTransactionMACFile
• enabling LRP with SetConfiguration
• renaming files with SetConfiguration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com