Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 50Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 51Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 52Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 53Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 54Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 55Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 56Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 57Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
54 / 132
Table 26.  Response data parameters description - AuthenticateEV2First - Part2
Name
Length
Value
Description
E(Kx, TI
|| RndA' ||
PDcap2 ||
PCDcap2)
32
Full range
Encrypted PICC response
The following data encrypted with the key
referenced by KeyNo:
- TI: 4 byte Transaction Identifier
- RndA’: 16 byte RndA rotated left by 1 byte.
- PDcap2: 6 byte PD capabilities
- PCDcap2: 6 byte PCD capabilities
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 27
Table 27.  Return code description - AuthenticateEV2First - Part2
Status
Value
Description
LENGTH_ERROR
7Eh
Command size not allowed.
AUTHENTICATION_ERROR
AEh
Wrong RndB'
MEMORY_ERROR
EEh
Failure when reading or writing to non-volatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com