Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 67Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 68Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 69Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 70Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 71Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 72Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 73Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 74Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
71 / 132
11.6 Key management commands
MF2DL(H)x0 provides the following command set for Key Management.
11.6.1 ChangeKey
The ChangeKey command is used to change the application keys. Authentication with
application key number 0 is required to change the key. CommMode.Full is applied for
this command. Note that the cryptogram calculations for changing key number 0 and
other keys are different.
aaa-032203
PICC to PCD
PCD to PICC
CLA
90
CMD
C4
P1
00
P2
00
Lc
XX
1
1
1
1
1
Le
00
1
Response data
-
0
SW1
status
1
SW2
1
1
17 or 21
KeyNo
Data
KeyData
Figure 20.  ChangeKey command protocol
Table 60.  Command parameters description - ChangeKey
Name
Length
Value
Description
Command Header Parameters
Cmd
1
C4h
Command code.
1
-
Key number of the key to be changed.
Bit 7-6
00b
RFU
Key Number
KeyNo
Bit 5-0
0h..4h
The application key number
Command Data Parameters
New key data.
full range
(17-byte
length)
if key 0 is to be changed
NewKey || KeyVer
KeyData
17 or 21
full range
(21-byte
length)
if key 1 to 4 are to be changed
(NewKey XOR OldKey) || KeyVer ||
CRC32NK [1]
[1]
The CRC32NK is the 4-byte CRC value computed according to IEEE Std 802.3-2008 (FCS Field) over NewKey [9]
Table 61.  Response data parameters description - ChangeKey
Name
Length
Value
Description
Response data 0
-
No response data
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com