Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 35Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 36Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 37Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 38Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 39Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 40Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 41Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 42Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
39 / 132
• configuring Value file with SetConfiguration
• enabling TMCLimit with ChangeFileSettings
• enabling exclusion of unauthenticated operations from Transaction MAC calculation
with ChangeFileSettings
This has the same effects as successful execution of AbortTransaction detailed below. A
new transaction is started.
Invalidating all previous write access to back up files within the currently selected
application is possible with the AbortTransaction command as defined in Section 11.9.2.
This command takes no parameter. The AbortTransaction invalidates all preceding write
access of the ongoing transaction to files with integrated backup mechanisms:
• Value file
• CyclicRecord file
If a Transaction MAC is calculated, see Section 10.3, the ongoing calculation is also
aborted and a new calculation is initiated.
The AbortTransaction does not affect the authentication status. After execution of this
command a new transaction is started.
The command is rejected if no application has been selected, i.e. the PICC or MF level
is currently selected. An error code is also returned if no write access has been done to
any of the backup file types and, in case the application is protected by the Transaction
MAC feature, no Transaction MAC calculation update has been done. This means no
command that is included in the Transaction MAC calculation has been executed, i.e. the
TMI is still the empty string. This is similar as for CommitTransaction.
The AbortTransaction requires CommMode.MAC if there is an active authentication.
It can be useful to cancel a transaction with the AbortTransaction command because
there is no need for re-authentication to the PICC or no need for a reset of the RF field
and a complete new ISO/IEC 14443 activation, which would have the same effect.
10.3 Transaction MAC
The Transaction MAC feature helps preventing e.g. fraudulent merchant attacks. It allows
a merchant operating a point-of-sale terminal to prove that the transactions he executed
with customers are genuine toward the card issuer’s or application provider’s backend.
This is done by letting the card generate a Transaction MAC over the transaction with
a key shared only by the card and the card issuer’s (or application provider’s) backend.
This key is called the AppTransactionMACKey. As this key will not be present in the
merchant’s terminal, it is not possible for the merchant to forge MACs toward the
backend. Note that this implies that (pre-)personalization of the card is done by the card
issuer and not at the merchant’s location.
MAC generation will also involve a Transaction MAC Counter maintained by the card,
which allows the backend to detect replay by the merchant. In addition this counter
allows the backend to detect missing transactions, which allows detecting fraud where
the merchant has increased the balance without reporting the transaction. Note that a
counter also allows for easier detection mechanisms of replay than keeping logs with
fingerprints of every transaction.
Fraud detection alone might not be sufficient if one cannot point to the fraudulent
merchant. Therefore, an additional configuration option requires that the merchant’s
terminal commits its identity during the transaction. This requires support of a SAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com