Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2DL1000DA4/02 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MF2DL1000DA4/02
Description  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 88Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 89Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 90Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 91Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 92Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 93Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 94Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 95Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
92 / 132
11.8.4 Credit
The Credit command allows increasing a value stored in a Value File. This command
increases the current value stored in the file by a certain amount (4 byte signed integer)
which is transmitted in the data field. Only positive values are allowed for the Credit
command. The value is always represented LSB first. It is necessary to validate the
updated value with a CommitTransaction command. An AbortTransaction command
invalidates all changes. The value modifications of Credit, Debit and LimitedCredit
commands are cumulated until a CommitTransaction command is issued. Credit
commands do NEVER modify the Limited Credit Value of a Value file. However, if the
Limited Credit Value needs to be set to 0, a LimitedCredit with value 0 can be used.
aaa-032214
PICC to PCD
PCD to PICC
CLA
90
CMD
0C
P1
00
P2
00
Lc
XX
1
1
1
1
1
Le
00
1
1
4
FileNr
Value
Response data
-
0
SW1
status
1
SW2
1
Figure 31.  Credit command protocol
Table 96.  Command parameters description - Credit
Name
Length
Value
Description
Command Header Parameters
Cmd
1
0Ch
Command code.
1
-
File number of the targeted file.
Bit 7-5
000b
RFU
FileNr
Bit 4-0
00h to 1Fh
FileNr
Command Data Parameters
Value
4
00000000h ..
7FFFFFFFh
Value to be credited. LSB first. should be
positive.
Table 97.  Response data parameters description - Credit
Name
Length
Value
Description
Response
data
0
-
No response data
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 98
Table 98.  Return code description - Credit
Status
Value
Description
COMMAND_ABORTED
CAh
Chained command or multiple pass command ongoing.
INTEGRITY_ERROR
1Eh
Invalid secure messaging MAC or encryption padding.
LENGTH_ERROR
7Eh
Command size not allowed.
PARAMETER_ERROR
9Eh
Parameter value not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com